Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62381HRTZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL62381HRTZ
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62381HRTZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL62381HRTZ Datasheet HTML 4Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 5Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 6Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 7Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 8Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 9Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 10Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 11Page - Intersil Corporation ISL62381HRTZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
FN6665.5
May 13, 2011
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
28 LD
32 LD
1
1
PGOOD2 SMPS2 open-drain power-good status output. Connect to LDO5 through a 100kΩ resistor. Output will be high when
the SMPS2 output is within the regulation window with no faults detected.
2
2
FSET2
Frequency control input for SMPS2. Connect a resistor to ground to program the switching frequency. A small
ceramic capacitor such as 10nF is necessary to parallel with this resistor to smooth the voltage.
3
3
FCCM
Logic input to control efficiency mode. Logic high forces continuous conduction mode (CCM). Logic low allows full
discontinuous conduction mode (DCM). Float this pin for ultrasonic DCM operation.
4
4
VCC2
SMPS2 analog power supply input for reference voltages and currents. Connect to VCC1 with a 10
 resistor.
Bypass to ground with a 1µF ceramic capacitor near the IC.
5
5
VCC1
SMPS1 analog power supply input for reference voltages and currents. It is internally connected to the LDO5
output. Bypass to ground with a 1µF ceramic capacitor near the IC.
-
6
LDO3EN Logic input for enabling and disabling the LDO3 linear regulator. Positive logic input.
6
7
FSET1
Frequency control input for SMPS1. Connect a resistor to ground to program the switching frequency. A small
ceramic capacitor such as 10nF is necessary to parallel with this resistor to smooth the voltage.
7
8
PGOOD1 SMPS1 open-drain power-good status output. Connect to LDO5 through a 100kΩ resistor. Output will be high when
the SMPS1 output is within the regulation window with no faults detected.
8
9
FB1
SMPS1 feedback input used for output voltage programming and regulation.
9
10
VOUT1
SMPS1 output voltage sense input. Used for soft-discharge.
10
11
ISEN1
SMPS1 current sense input. Used for overcurrent protection and R3 regulation.
11
12
OCSET1 Input from current-sensing network used to program the overcurrent shutdown threshold for SMPS1.
12
13
EN1
Logic input to enable and disable SMPS1. A logic high will enable SMPS1 immediately. A logic low will disable
SMPS1. Floating this input will delay SMPS1 start-up until after SMPS2 achieves regulation.
13
14
PHASE1 SMPS1 switching node for high-side gate drive return and synthetic ripple modulation. Connect to the switching
NMOS source, the synchronous NMOS drain, and the output inductor for SMPS1.
14
15
UGATE1 High-side NMOS gate drive output for SMPS1. Connect to the gate of the SMPS1 switching FET.
15
16
BOOT1
SMPS1 bootstrap input for the switching NMOS gate drivers. Connect to PHASE1 with a 0.22µF ceramic capacitor.
16
17
LGATE1 Low-side NMOS gate drive output for SMPS1. Connect to the gate of the SMPS1 synchronous FET.
-
18
LDO3FB LDO3 linear regulator feedback input used for output voltage programming and regulation.
-
19
LDO3
LDO3 linear regulator output, providing up to 100mA. Bypass to ground with a 4.7µF ceramic capacitor.
-
20
LDO3IN
Power input for LDO3. Must be connected to a voltage greater than the LDO3 set point plus the dropout voltage.
17
21
VIN
Feed-forward input for line voltage transient compensation. Connect to the power train input voltage.
18
22
LDO5
5V linear regulator output, providing up to 100mA before switchover to SMPS2. Bypass to ground with a 4.7µF
ceramic capacitor.
19
23
PGND
Power ground for SMPS1 and SMPS2. This provides a return path for synchronous FET switching currents.
20
24
LGATE2 Low-side NMOS gate drive output for SMPS2. Connect to the gate of the SMPS2 synchronous FET.
21
25
BOOT2
SMPS2 bootstrap input for the switching NMOS gate drivers. Connect to PHASE2 with a 0.22µF ceramic capacitor.
22
26
UGATE2 High-side NMOS gate drive output for SMPS2. Connect to the gate of the SMPS2 switching FET.
23
27
PHASE2 SMPS2 switching node for high-side gate drive return and synthetic ripple modulation. Connect to the switching
NMOS source, the synchronous NMOS drain, and the output inductor for SMPS2.
24
28
EN2
Logic input to enable and disable SMPS2. A logic high will enable SMPS2 immediately. A logic low will disable
SMPS2. Floating this input will delay SMPS2 start-up until after SMPS1 achieves regulation.
25
29
OCSET2 Input from current-sensing network used to program the over-current shutdown threshold for SMPS2.
26
30
ISEN2
SMPS2 current sense input. Used for overcurrent protection and R3 regulation.
27
31
VOUT2
SMPS2 output voltage sense input. Used for soft-discharge and switchover to LDO5 output.
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C


Similar Part No. - ISL62381HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381HRTZ INTERSIL-ISL62381HRTZ Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381HRTZ INTERSIL-ISL62381HRTZ Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
ISL62381HRTZ RENESAS-ISL62381HRTZ Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62381HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com