Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101-ADJ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80101-ADJ
Description  1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101-ADJ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80101-ADJ Datasheet HTML 2Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 3Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 4Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 5Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 6Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 7Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 8Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 9Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL80121-5
6
FN7713.4
September 29, 2011
Typical Operating Performance Unless otherwise noted: V
IN = 5.4V, VOUT = 5.0V, CIN = COUT = 10µF,
TJ = +25°C, IL = 0A.
FIGURE 1. DROPOUT VOLTAGE vs LOAD
FIGURE 2. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 3. OUTPUT VOLTAGE vs OUTPUT CURRENTFIGURE 4. GROUND CURRENT vs LOAD CURRENT
FIGURE 5. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 6. ENABLE START-UP
0
30
60
90
120
150
0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
-40°C
+25°C
+125°C
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
-50
-25
0
255075
100
125
150
JUNCTION TEMPERATURE (°C)
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
0
0.25
0.50
0.75
1.00
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
00.2
0.4
0.6
0.8
1
LOAD CURRENT (A)
-40°C
+25°C
+125°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
VIN = 6V
VOUT (5V/DIV)
PG (5V/DIV)
SS (2V/DIV)
ENABLE (2V/DIV)
TIME (2ms/DIV)


Similar Part No. - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
More results

Similar Description - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80121IR50Z INTERSIL-ISL80121IR50Z Datasheet
416Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
logo
Renesas Technology Corp
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A_15 Datasheet
498Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
August 11, 2015
logo
Renesas Technology Corp
ISL80101A RENESAS-ISL80101A Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com