Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80101A
Description  1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80101A Datasheet HTML 1Page - Intersil Corporation ISL80101A Datasheet HTML 2Page - Intersil Corporation ISL80101A Datasheet HTML 3Page - Intersil Corporation ISL80101A Datasheet HTML 4Page - Intersil Corporation ISL80101A Datasheet HTML 5Page - Intersil Corporation ISL80101A Datasheet HTML 6Page - Intersil Corporation ISL80101A Datasheet HTML 7Page - Intersil Corporation ISL80101A Datasheet HTML 8Page - Intersil Corporation ISL80101A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL80121-5
4
FN7713.4
September 29, 2011
Absolute Maximum Ratings (Note 7)
Thermal Information
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, SENSE, SS, ISET
Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
ESD Rating
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . 250V
Latch Up (Tested per JESD78). . . . . . . . . . . . . . . . . . . . . . .±100mA @ 85°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld 3x3 DFN Package (Notes 5, 6). . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions (Note 8)
Junction Temperature Range (TJ) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, SENSE, SS, ISET Relative to GND . . . . . . . . . . . . . . . . 0V to 6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. Absolute maximum voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
8. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, all parameters are established over the following specified conditions:
VIN =VOUT + 0.4V, VOUT = 5.0V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A. Applications must follow thermal guidelines of the package to
determine worst case junction temperature. Please refer to “Functional Description” on page 7 and Tech Brief TB379.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Pulse load techniques used by ATE to ensure TJ = TA defines
established limits.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT + 0.4V < VIN < 6V; 0A < ILOAD < 1A
-1.8
1.8
%
DC Input Line Regulation
ΔVOUT/ΔVIN
VOUT + 0.4V < VIN < 6.0V, VOUT = 5.0V
1
%
DC Output Load Regulation
ΔVOUT
0A < ILOAD < 1A
-1
%
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
3
5
mA
ILOAD = 1A, 2.2V < VIN < 6V
5
7
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE = 0.2V, VIN = 6V
0.2
12
µA
Dropout Voltage (Note 10)
VDO
ILOAD = 1A, VIN = 5.0V, VSENSE = 0V
90
130
mV
Output Current Limit
ILIMIT
VOUT = 4.75V, VOUT + 0.4V < VIN < 6V, ISET is floating
0.66
0.75
0.84
A
VOUT = 4.75V, VOUT + 0.4V < VIN < 6V, RSET = 19.33kΩ
0.9
A
Thermal Shutdown Temperature
TSD
VOUT + 0.4V < VIN < 6V
160
°C
Thermal Shutdown Hysteresis
(Rising Threshold)
TSDn
VOUT + 0.4V < VIN < 6V
30
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR
f = 1kHz, ILOAD = 1A
40
dB
f = 1kHz, ILOAD = 100mA
40
dB
Output Noise Voltage
ILOAD = 10mA, BW = 10Hz < f < 100kHz
210
µVRMS
ENABLE PIN CHARACTERISTICS
Turn-on Threshold
VEN(HIGH)
2.2V < VIN < 6V
0.3
0.8
1.0
V
Hysteresis (Rising Threshold)
VEN(HYS)
2.2V < VIN < 6V
10
80
200
mV


Similar Part No. - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101A INTERSIL-ISL80101A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
   High Performance 1A LDO
More results

Similar Description - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80121IR50Z INTERSIL-ISL80121IR50Z Datasheet
416Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
logo
Renesas Technology Corp
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A_15 Datasheet
498Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
August 11, 2015
logo
Renesas Technology Corp
ISL80101A RENESAS-ISL80101A Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com