Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1672 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1672
Description  I2C 32-Bit Binary Counter RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1672_11 Datasheet HTML 6Page - Maxim Integrated Products DS1672_11 Datasheet HTML 7Page - Maxim Integrated Products DS1672_11 Datasheet HTML 8Page - Maxim Integrated Products DS1672_11 Datasheet HTML 9Page - Maxim Integrated Products DS1672_11 Datasheet HTML 10Page - Maxim Integrated Products DS1672_11 Datasheet HTML 11Page - Maxim Integrated Products DS1672_11 Datasheet HTML 12Page - Maxim Integrated Products DS1672_11 Datasheet HTML 13Page - Maxim Integrated Products DS1672_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS1672
10 of 15
Trickle Charger
The trickle charger is controlled by the trickle charge register. The simplified schematic of Figure 5
shows the basic components of the trickle charger. The trickle charge select (TCS) bit (bits 4–7) controls
the selection of the trickle charger. In order to prevent accidental enabling, only a pattern on 1010 will
enable the trickle charger. All other patterns will disable the trickle charger. The DS1672 powers up with
the trickle charger disabled. The diode select (DS) bits (bits 2, 3) select whether or not a diode is
connected between VCC and VBACKUP. If DS is 01, no diode is selected or if DS is 10, a diode is selected.
The RS bits (bits 0, 1) select whether a resistor is connected between VCC and VBACKUP and what the value
of the resistor is. The resistor selected by the resistor select (RS) bits and the diode selected by the diode
select (DS) bits are as follows:
TCS
TCS
TCS
TCS
DS
DS
RS
RS
FUNCTION
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
X
X
X
X
X
X
0
0
Disabled
1
0
1
0
0
1
0
1
No diode, 250
Ω resistor
1
0
1
0
1
0
0
1
One diode, 250
Ω resistor
1
0
1
0
0
1
1
0
No diode, 2k
Ω resistor
1
0
1
0
1
0
1
0
One diode, 2k
Ω resistor
1
0
1
0
0
1
1
1
No diode, 4k
Ω resistor
1
0
1
0
1
0
1
1
One diode, 4k
Ω resistor
0
0
0
0
0
0
0
0
Initial default value--disabled
Warning: The resistor value of 250
Ω must not be selected whenever V
CC is greater
than 3.63V.
Diode and resistor selection is determined by the user according to the maximum current desired for
battery or super cap charging. The maximum charging current can be calculated as illustrated in the
following example. Assume that a system power supply of 3V is applied to VCC and a super cap is
connected to VBACKUP. Also assume that the trickle charger has been enabled with a diode and resistor R2
between VCC and VBACKUP. The maximum current IMAX would, therefore, be calculated as follows:
IMAX = (5.0V - diode drop) / R1 ≈ (5.0V - 0.6V) / 2kΩ ≈ 2.2mA
As the super cap changes, the voltage drop between VCC and VBACKUP will decrease and, therefore, the
charge current will decrease.


Similar Part No. - DS1672_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672-2 MAXIM-DS1672-2 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-3 MAXIM-DS1672-3 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-33 MAXIM-DS1672-33 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
logo
Dallas Semiconductor
DS1672S-2 DALLAS-DS1672S-2 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1672S-2 MAXIM-DS1672S-2 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results

Similar Description - DS1672_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
   2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com