Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822-PAR Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1822-PAR
Description  Econo 1-Wire Parasite-Power Digital Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822-PAR Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1822-PAR_07 Datasheet HTML 2Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 3Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 4Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 5Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 6Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 7Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 8Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 9Page - Dallas Semiconductor DS1822-PAR_07 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS1822-PAR
6 of 19
Data is written to bytes 2, 3, and 4 of the scratchpad using the Write Scratchpad [4Eh] command, and the
data must be transmitted to the DS1822-PAR starting with the least significant bit of byte 2. To verify
data integrity, the scratchpad can be read (using the Read Scratchpad [BEh] command) after the data is
written. When reading the scratchpad, data is transferred over the 1-Wire bus starting with the least
significant bit of byte 0. To transfer the TH, TL and configuration data from the scratchpad to EEPROM,
the master must issue the Copy Scratchpad [48h] command.
Data in the EEPROM registers is retained when the device is powered down; at power-up the EEPROM
data is reloaded into the corresponding scratchpad locations. Data can also be reloaded from EEPROM to
the scratchpad at any time using the Recall E
2
[B8h] command. The master can issue “read-time slots”
(see the 1-WIRE BUS SYSTEM section) following the Recall E
2 command and the DS1822-PAR will
indicate the status of the recall by transmitting 0 while the recall is in progress and 1 when the recall is
done.
CONFIGURATION REGISTER
Byte 4 of the scratchpad memory contains the configuration register, which is organized as
illustrated in Figure 7. The user can set the conversion resolution of the DS1822-PAR using the R0 and
R1 bits in this register as shown in Table 3. The power-up default of these bits is R0 = 1 and R1 = 1 (12-
bit resolution). Note that there is a direct tradeoff between resolution and conversion time. Bit 7 and bits
0-4 in the configuration register are reserved for internal use by the device and cannot be overwritten.
CONFIGURATION REGISTER Figure 7
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
R1
R0
1
1
1
1
1
THERMOMETER RESOLUTION CONFIGURATION Table 3
R1
R0
Resolution
Max Conversion Time
0
0
9-bit
93.75 ms
(tCONV/8)
0
1
10-bit
187.5 ms
(tCONV/4)
1
0
11-bit
375 ms
(tCONV/2)
1
1
12-bit
750 ms
(tCONV)
CRC GENERATION
CRC bytes are provided as part of the DS1822-PAR’s 64-bit ROM code and in the 9
th byte of the
scratchpad memory. The ROM code CRC is calculated from the first 56 bits of the ROM code and is
contained in the most significant byte of the ROM. The scratchpad CRC is calculated from the data stored
in the scratchpad, and therefore it changes when the data in the scratchpad changes. The CRCs provide
the bus master with a method of data validation when data is read from the DS1822-PAR. To verify that
data has been read correctly, the bus master must recalculate the CRC from the received data and then
compare this value to either the ROM code CRC (for ROM reads) or to the scratchpad CRC (for
scratchpad reads). If the calculated CRC matches the read CRC, the data has been received error free. The
comparison of CRC values and the decision to continue with an operation are determined entirely by the
bus master. There is no circuitry inside the DS1822-PAR that prevents a command sequence from


Similar Part No. - DS1822-PAR_07

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
More results

Similar Description - DS1822-PAR_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
   1-Wire Parasite-Power Digital Thermometer
101207
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
   1-Wire짰 Parasite-Power Digital Thermometer
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
   Econo . Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com