Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822-PAR Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1822-PAR
Description  Econo 1-Wire Parasite-Power Digital Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822-PAR Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1822-PAR Datasheet HTML 1Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 2Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 3Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 4Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 5Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 6Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 7Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 8Page - Dallas Semiconductor DS1822-PAR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1822-PAR
2 of 19
DETAILED PIN DESCRIPTIONS Table 1
PIN
SYMBOL
DESCRIPTION
1
GND
Ground.
2
DQ
Data Input/Output pin. Open-drain 1-Wire interface pin. Also provides power
to the device when used in parasite power mode (see “Parasite Power” section.)
3
NC
No Connect. Doesn’t connect to internal circuit.
OVERVIEW
The DS1822-PAR uses Dallas’ exclusive 1-Wire bus protocol that implements bus communication using
one control signal. The control line requires a weak pullup resistor since all devices are linked to the bus
via a 3-state or open-drain port (the DQ pin in the case of the DS1822-PAR). In this bus system, the
microprocessor (the master device) identifies and addresses devices on the bus using each device’s unique
64-bit code. Because each device has a unique code, the number of devices that can be addressed on one
bus is virtually unlimited. The 1-Wire bus protocol, including detailed explanations of the commands and
“time slots,” is covered in the 1-WIRE BUS SYSTEM section of this data sheet.
An important feature of the DS1822-PAR is its ability to operate without an external power supply.
Power is instead supplied through the 1-Wire pullup resistor via the DQ pin when the bus is high. The
high bus signal also charges an internal capacitor (CPP), which then supplies power to the device when the
bus is low. This method of deriving power from the 1-Wire bus is referred to as “parasite power.”
Figure 1 shows a block diagram of the DS1822-PAR, and pin descriptions are given in Table 1. The
64-bit ROM stores the device’s unique serial code. The scratchpad memory contains the 2-byte
temperature register that stores the digital output from the temperature sensor. In addition, the scratchpad
provides access to the 1-byte upper and lower alarm trigger registers (TH and TL). The TH and TL registers
are NV (EEPROM), so they will retain their data when the device is powered down.
DS1822-PAR BLOCK DIAGRAM Figure 1
CPP
VPU
4.7K
64-BIT ROM
AND
1-wire PORT
DQ
INTERNAL VDD
PARASITE POWER
CIRCUIT
MEMORY CONTROL
LOGIC
SCRATCHPAD
8-BIT CRC GENERATOR
TEMPERATURE SENSOR
ALARM HIGH TRIGGER (TH)
REGISTER (EEPROM)
ALARM LOW TRIGGER (TL)
REGISTER (EEPROM)
CONFIGURATION REGISTER
(EEPROM)
GND
DS1822-PAR


Similar Part No. - DS1822-PAR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
More results

Similar Description - DS1822-PAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
   1-Wire Parasite-Power Digital Thermometer
101207
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
   1-Wire짰 Parasite-Power Digital Thermometer
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
   Econo . Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com