Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1982 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1982
Description  1Kb Add-Only iButton
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1982 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1982 Datasheet HTML 7Page - Maxim Integrated Products DS1982 Datasheet HTML 8Page - Maxim Integrated Products DS1982 Datasheet HTML 9Page - Maxim Integrated Products DS1982 Datasheet HTML 10Page - Maxim Integrated Products DS1982 Datasheet HTML 11Page - Maxim Integrated Products DS1982 Datasheet HTML 12Page - Maxim Integrated Products DS1982 Datasheet HTML 13Page - Maxim Integrated Products DS1982 Datasheet HTML 14Page - Maxim Integrated Products DS1982 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS1982
Page 11 of 24
READ MEMORY [F0h]
The Read Memory command is used to read data from the 1024-bit EPROM data field. The bus master
follows the command byte with a 2-byte address (TA1=(T7:T0), TA2=(T15:T8)) that indicates a starting
byte location within the data field. An 8–bit CRC of the command byte and address bytes is computed by
the DS1982 and read back by the bus master to confirm that the correct command word and starting
address were received. If the CRC read by the bus master is incorrect, a Reset Pulse must be issued and
the entire sequence must be repeated. If the CRC received by the bus master is correct, the bus master
issues read time slots and receives data from the DS1982 starting at the initial address and continuing
until the end of the 1024-bit data field is reached or until a Reset Pulse is issued. If reading occurs
through the end of memory space, the bus master may issue eight additional read time slots and the
DS1982 will respond with an 8-bit CRC of all data bytes read from the initial starting byte through the
last byte of memory. After the CRC is received by the bus master, any subsequent read time slots will
appear as logical 1s until a Reset Pulse is issued. Any reads ended by a Reset Pulse prior to reaching the
end of memory will not have the 8-bit CRC available.
Typically a 16-bit CRC would be stored with each page of data to ensure rapid, error-free data transfers
that eliminate having to read a page multiple times to determine if the received data is correct or not. (See
Book of DS19xx iButton Standards, Chapter 7 for the recommended file structure to be used with the
1-Wire environment.) If CRC values are imbedded within the data, a Reset Pulse may be issued at the end
of memory space during a Read Memory command.
READ STATUS [AAh]
The Read Status command is used to read data from the EPROM Status data field. The bus master
follows the command byte with a two-byte address (TA1=(T7:T0), TA2=(T15:T8)) that indicates a
starting byte location within the data field. An 8–bit CRC of the command byte and address bytes is
computed by the DS1982 and read back by the bus master to confirm that the correct command word and
starting address were received. If the CRC read by the bus master is incorrect, a Reset Pulse must be
issued and the entire sequence must be repeated. If the CRC received by the bus master is correct, the bus
master issues read time slots and receives data from the DS1982 starting at the supplied address and
continuing until the end of the EPROM Status data field is reached. At that point the bus master will
receive an 8-bit CRC that is the result of shifting into the CRC generator all of the data bytes from the
initial starting byte through the final factory-programmed byte that contains the 00h value.
This feature is provided since the EPROM Status information may change over time making it impossible
to program the data once and include an accompanying CRC that will always be valid. Therefore, the
Read Status command supplies an 8-bit CRC that is based on and always is consistent with the current
data stored in the EPROM Status data field.
After the 8-bit CRC is read, the bus master will receive logical 1s from the DS1982 until a Reset Pulse is
issued. The Read Status command sequence can be exited at any point by issuing a Reset Pulse.
READ DATA/GENERATE 8-BIT CRC [C3h]
The Read Data/Generate 8-bit CRC command is used to read data from the 1024-bit EPROM memory
field. The bus master follows the command byte with a two-byte address (TA1=(T7:T0), TA2=(T15:T8))
that indicates a starting byte location within the data field. An 8-bit CRC of the command byte and
address bytes is computed by the DS1982 and read back by the bus master to confirm that the correct
command word and starting address were received. If the CRC read by the bus master is incorrect, a
Reset Pulse must be issued and the entire sequence must be repeated. If the CRC received by the bus
master is correct, the bus master issues read time slots and receives data from the DS1982 starting at the


Similar Part No. - DS1982

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
   1-kbit Add-Only iButton
DS1982-F3 DALLAS-DS1982-F3 Datasheet
444Kb / 23P
   1-kbit Add-Only iButton
DS1982-F5 DALLAS-DS1982-F5 Datasheet
444Kb / 23P
   1-kbit Add-Only iButton
More results

Similar Description - DS1982

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
   1Kb Add-Only Memory
Rev 12/11
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
   16Kb Add-Only iButton
Rev 8/09
logo
Dallas Semiconductor
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
   16-kbit Add-Only iButton
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
   1-kbit Add-Only iButton
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
   64-kbits Add-Only iButton?
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
   16Kb Add-Only Memory
071107
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
   64Kb Add-Only Memory
062100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com