Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2252T Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2252T
Description  Soft Microcontroller Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2252T_06 Datasheet HTML 1Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 2Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 3Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 4Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 5Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 6Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 7Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 8Page - Dallas Semiconductor DS2252T_06 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
REV: 061306
GENERAL DESCRIPTION
The DS2252T secure microcontroller module is
an 8051-compatible microcontroller based on
nonvolatile RAM technology. It is designed for
systems that need to protect memory contents
from disclosure. This includes key data, sensitive
algorithms, and proprietary information of all
types. Like other members of the secure
microcontroller
family,
it
provides
full
compatibility with the 8051 instruction set,
timers, serial port, and parallel I/O ports. By
using NV RAM instead of ROM, the user can
program, then reprogram the microcontroller
while in-system. This allows frequent changing of
sensitive processes with minimal effort.
PIN CONFIGURATION
Operating information and detailed summary of this product’s
security features are contained in the Secure Microcontroller
User’s Guide. This data sheet provides ordering information,
pinout, and electrical specifications.
FEATURES
8051-Compatible Microcontroller
8, 32, or 64kbytes of Nonvolatile SRAM for
Program and/or Data Memory Storage
In-System Programming via On-Chip Serial
Port
Capable of Modifying its Own Program
and/or Data Memory in the End System
Firmware Security Features
Memory Stored in Encrypted Form
Encryption Using On-Chip 64-Bit Key
Automatic True Random Key Generator
Self-Destruct Input (SDI)
Improved Security Over Previous Generations
Protects Memory Contents from Piracy
Crashproof Operation
Maintains All Nonvolatile Resources Up to
10 Years in the Absence of VCC at Room
Temperature
Power-Fail Reset
Early Warning Power-Fail Interrupt
Watchdog Timer
Precision Reference for Power Monitor
Fully 8051 Compatible
128 Bytes Scratchpad RAM
Two Timer/Counters
On-Chip Serial Port
32 Parallel I/O Port Pins
Permanently Powered Real-Time Clock
ORDERING INFORMATION
PART
RAM SIZE (kB)
MAX CRYSTAL SPEED (MHz)
TIMEKEEPING?
DS2252T-64-16
64
16
Yes
DS2252T-64-16#
64
16
Yes
DS2252T-128-16
128
16
Yes
DS2252T-128-16#
128
16
Yes
# Denotes RoHS-compliant device that may contain lead exempt under the RoHS requirements.
DS2252T
Soft Microcontroller Module
www.maxim-ic.com
1
20
21
40
40-Pin SIMM
DS2252T


Similar Part No. - DS2252T_06

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
95Kb / 14P
   Secure Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T-128-16 MAXIM-DS2252T-128-16 Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
DS2252T-128-16# MAXIM-DS2252T-128-16# Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2252T-32-16 DALLAS-DS2252T-32-16 Datasheet
95Kb / 14P
   Secure Microcontroller Module
DS2252T-64-16 DALLAS-DS2252T-64-16 Datasheet
95Kb / 14P
   Secure Microcontroller Module
More results

Similar Description - DS2252T_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com