Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2252T Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2252T
Description  Soft Microcontroller Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor DS2252T Datasheet HTML 10Page - Dallas Semiconductor DS2252T Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS2252T
7 of 16
DS2252T MEMORY MAP WITH (PES = 1) Figure 4
POWER MANAGEMENT
The DS2252T monitors VCC to provide power-fail reset, early warning power-fail interrupt, and
switchover to lithium backup. It uses an internal band-gap reference in determining the switch points.
These are called VPFW, VCCMIN, and VLI respectively. When VCC drops below VPFW, the DS2252T will
perform an interrupt vector to location 2Bh if the power-fail warning is enabled. Full processor operation
continues regardless. When power falls further to VCCMIN, the DS2252T invokes a reset state. No further
code execution will be performed unless power rises back above VCCMIN. All decoded chip enables and
the R/ W signal go to an inactive (logic 1) state. VCC is still the power source at this time. When VCC
drops further to below VLI, internal circuitry will switch to the built-in lithium cell for power. The
majority of internal circuits will be disabled and the remaining nonvolatile states will be retained. The
Secure Microcontroller User’s Guide has more information on this topic. The trip points VCCMIN and
VPFW are listed in the electrical specifications.
NV RAM
PROGRAM
PROGRAM MEMORY
DATA MEMORY (MOVX)
FFFFh --
0000h --
PARTITION
= NOT ACCESSIBLE
REAL-TIME
CLOCK
C000h --
B000h --
4000h --
-- 64K
-- 16K


Similar Part No. - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
95Kb / 14P
   Secure Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
95Kb / 14P
   Secure Microcontroller Module
More results

Similar Description - DS2252T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com