Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C2300 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # B40C2300
Description  Silicon-Bridge-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40C2300 Datasheet(HTML) 1 Page - Diotec Semiconductor

  B40C2300_06 Datasheet HTML 1Page - Diotec Semiconductor B40C2300_06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B...C2300-1500A/B
B...C2300-1500A/B
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2006-07-12
Dimensions - Maße [mm]
Nominal current
Nennstrom
2.3 / 1.5 A
Alternating input voltage
Eingangswechselspannung
40...500 V
Plastic case
Kunststoffgehäuse
19 x 3.5 x 10 [mm]
Weight approx. – Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Suffix “A” for pinning / für Anschlussfolge [x x x x] = [+ ~ ~ –]
Suffix “B” for pinning / für Anschlussfolge [x x x x] = [~ + ~ –]
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
B40C2300-1500A/B
40
80
B80C2300-1500A/B
80
160
B125C2300-1500A/B
125
250
B250C2300-1500A/B
250
600
B380C2300-1500A/B
380
800
B500C2300-1500A/B
500
1000
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50/55 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Per diode – Pro Diode
2
Valid, if leads are kept to ambient temperature TA = 50°C at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm vom Gehäuse auf Umgebungstemperatur TA = 50°C gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
x
x
Type
Typ
x
0.8
5
5
5
1.2
19
=
=
0.25
3.5
xx


Similar Part No. - B40C2300_06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40C2300-1500 DIOTEC-B40C2300-1500 Datasheet
62Kb / 2P
   Silicon-Bridge Rectifiers
B40C2300-1500A DIOTEC-B40C2300-1500A Datasheet
151Kb / 2P
   Silicon-Bridge Rectifiers
B40C2300-1500A DIOTEC-B40C2300-1500A Datasheet
160Kb / 2P
   Single Phase Bridge Rectifier
B40C2300-1500AB DIOTEC-B40C2300-1500AB Datasheet
151Kb / 2P
   Silicon-Bridge Rectifiers
B40C2300-1500B DIOTEC-B40C2300-1500B Datasheet
151Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - B40C2300_06

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com