Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1301 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1301
Description  8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1301 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1301 Datasheet HTML 5Page - Maxim Integrated Products MAX1301 Datasheet HTML 6Page - Maxim Integrated Products MAX1301 Datasheet HTML 7Page - Maxim Integrated Products MAX1301 Datasheet HTML 8Page - Maxim Integrated Products MAX1301 Datasheet HTML 9Page - Maxim Integrated Products MAX1301 Datasheet HTML 10Page - Maxim Integrated Products MAX1301 Datasheet HTML 11Page - Maxim Integrated Products MAX1301 Datasheet HTML 12Page - Maxim Integrated Products MAX1301 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
8- and 4-Channel, ±3 x VREF Multirange Inputs,
Serial 16-Bit ADCs
_______________________________________________________________________________________
9
EXTERNAL REFERENCE INPUT CURRENT
vs. EXTERNAL REFERENCE INPUT VOLTAGE
EXTERNAL REFERENCE VOLTAGE (V)
4.1
4.0
3.9
77
79
81
83
85
75
3.8
4.2
GAIN DRIFT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
-40
85
±3 x VREF BIPOLAR RANGE
(
±3 x VREF)/4 BIPOLAR RANGE
OFFSET DRIFT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
±3 x VREF BIPOLAR RANGE
(
±3 x VREF)/4 BIPOLAR RANGE
CHANNEL-TO-CHANNEL ISOLATION
vs. INPUT FREQUENCY
FREQUENCY (kHz)
1000
100
10
-100
-80
-60
-40
-20
0
-120
1
10,000
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
CH0 TO CH2
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
1
10,000
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
52,428
39,321
13,107
26,214
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
65,535
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
52,428
39,321
13,107
26,214
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
65,535
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
FFT AT 5kHz
FREQUENCY (kHz)
50
40
30
20
10
-120
-100
-80
-60
-40
-20
0
-140
0
fSAMPLE = 115ksps
fIN(SINE WAVE) = 5kHz
±3 x VREF BIPOLAR RANGE
Typical Operating Characteristics (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range,
CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)


Similar Part No. - MAX1301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1301 MAXIM-MAX1301 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
MAX13013 MAXIM-MAX13013 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
MAX13013EXT MAXIM-MAX13013EXT Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
MAX13013EXT MAXIM-MAX13013EXT Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
More results

Similar Description - MAX1301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com