Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1300BEUG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1300BEUG
Description  8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1300BEUG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1300BEUG Datasheet HTML 6Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 7Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 8Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 9Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 10Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 11Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 12Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 13Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
8- and 4-Channel, ±3 x VREF Multirange Inputs,
Serial 16-Bit ADCs
10
______________________________________________________________________________________
SNR, SINAD, ENOB
vs. ANALOG INPUT FREQUENCY
MAX1300/01 toc20
FREQUENCY (kHz)
100
10
10
20
30
40
50
60
70
80
90
100
0
1
1000
7
8
9
10
11
12
13
14
15
16
6
ENOB
SINAD
SNR
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
SNR, SINAD, ENOB vs. SAMPLE RATE
MAX1300/01 toc21
SAMPLE RATE (ksps)
100
10
1
20
40
60
80
100
0
0.1
1000
fIN(SINE WAVE) = 5kHz
±3 x VREF BIPOLAR RANGE
8
10
12
14
16
6
ENOB
SNR, SINAD
-SFDR, THD vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
-100
-80
-60
-40
-20
0
-120
0.1
1000
fIN(SINE WAVE) = 5kHz
±3 x VREF BIPOLAR RANGE
THD
-SFDR
-SFDR, THD
vs. ANALOG INPUT FREQUENCY
FREQUENCY (kHz)
100
10
-100
-80
-60
-40
-20
0
-120
1
1000
fSAMPLE = 115ksps
±3 x VREF BIPOLAR RANGE
THD
-SFDR
ANALOG INPUT CURRENT
vs. ANALOG INPUT VOLTAGE
ANALOG INPUT VOLTAGE (V)
(+3 x VREF)/2
0
(-3 x VREF)/2
-0.6
-0.2
0.2
0.6
1.0
-1.0
-3 x VREF
+3 x VREF
ALL MODES
VREF = 4.096V
SMALL-SIGNAL BANDWIDTH
FREQUENCY (kHz)
1000
100
10
-40
-35
-30
-25
-20
-15
-10
-5
0
-45
1
10,000
Typical Operating Characteristics (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range,
CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)


Similar Part No. - MAX1300BEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300BEUG MAXIM-MAX1300BEUG Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1300BEUG++ MAXIM-MAX1300BEUG+ Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
More results

Similar Description - MAX1300BEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com