Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1968 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1968
Description  Power Drivers for Peltier TEC Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1968 Datasheet HTML 1Page - Maxim Integrated Products MAX1968 Datasheet HTML 2Page - Maxim Integrated Products MAX1968 Datasheet HTML 3Page - Maxim Integrated Products MAX1968 Datasheet HTML 4Page - Maxim Integrated Products MAX1968 Datasheet HTML 5Page - Maxim Integrated Products MAX1968 Datasheet HTML 6Page - Maxim Integrated Products MAX1968 Datasheet HTML 7Page - Maxim Integrated Products MAX1968 Datasheet HTML 8Page - Maxim Integrated Products MAX1968 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1968/MAX1969 are highly integrated and cost-
effective, high-efficiency, switch-mode drivers for Peltier
thermoelectric cooler (TEC) modules. Both devices uti-
lize direct current control to eliminate current surges in
the TEC. On-chip FETs minimize external components
while providing high efficiency. A 500kHz/1MHz switch-
ing frequency and a unique ripple cancellation scheme
reduce component size and noise.
The MAX1968 operates from a single supply and pro-
vides bipolar
±3A output by biasing the TEC between
the outputs of two synchronous buck regulators. Bipolar
operation allows for temperature control without “dead
zones” or other nonlinearities at low load currents. This
arrangement ensures that the control system does not
hunt when the set point is very close to the natural
operating point, requiring a small amount of heating or
cooling. An analog control signal precisely sets the TEC
current. The MAX1969 provides unipolar output up to
6A. Reliability is optimized with settable limits for both
TEC voltage and current, with independently set limits
for heating and cooling current. An analog output also
monitors TEC current.
The MAX1968/MAX1969 are available in a low-profile
28-pin TSSOP-EP package and is specified over the
-40
°C to +85°C temperature range. The thermally-
enhanced TSSOP-EP package with exposed metal pad
minimizes operating junction temperature. An evalua-
tion kit is available to speed designs.
Applications
Fiber Optic Laser Modules
WDM, DWDM Laser Diode Temperature Control
Fiber Optic Network Equipment
EDFA Optical Amplifiers
Telecom Fiber Interfaces
ATE
Biotech Lab Equipment
Features
o Direct Current Control Prevents TEC Current
Surges
o On-Chip Power MOSFETs
o High-Efficiency Switch-Mode Design
o Ripple Cancellation for Low Noise
o No Dead-Zone or Hunting at Low-Output Current
o Adjustable TEC Voltage Limit
o Separately Adjustable Heating and Cooling
Current Limits
o ITEC Output Monitors TEC Current
o 1% Accurate Voltage Reference
o 500kHz/1MHz Switching Frequency
o ±3A Output Current (MAX1968)
o 6A Output Current (MAX1969)
o Thermally Enhanced TSSOP-EP Package
Power Drivers for Peltier TEC Modules
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2447; Rev 2; 2/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1968EUI
-40°C to +85°C
28 TSSOP-EP*
MAX1969EUI
-40°C to +85°C
28 TSSOP-EP*
Typical Operating Circuit
PGND1
PGND2
CTLI
COMP
LX2
LX1
GND
VDD
MAX1968
PVDD1PVDD2
OS1
CS
OS2
TEC
3V TO
5.5V
TEC
CURRENT-
CONTROL
SIGNAL
Pin Configuration and Functional Diagram appear at end
of data sheet.
*
EP = Exposed pad.


Similar Part No. - MAX1968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968-MAX1969 MAXIM-MAX1968-MAX1969 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968EUI MAXIM-MAX1968EUI Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968EUI MAXIM-MAX1968EUI Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
More results

Similar Description - MAX1968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1978 MAXIM-MAX1978 Datasheet
620Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
19-2490; Rev 0; 7/02
logo
Analog Technologies, In...
TEC14MEV1.0 ANALOGTECHNOLOGIES-TEC14MEV1.0 Datasheet
1Mb / 8P
   Evaluation Board for TEC Controllers
6/9/2022
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com