Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1992ETG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1992ETG
Description  Quick-PWM Step-Down Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992ETG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1992ETG Datasheet HTML 1Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 2Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = SHDN = 5V, SKIP = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TON = GND (600kHz)
170
194
219
TON = REF (450kHz)
213
243
273
TON = open (300kHz)
316
352
389
On-Time
tON
V+ = 15V,
VOUT = 1.5V
(Note 3)
TON = VCC (200kHz)
461
516
571
ns
Minimum Off-Time
tOFF(MIN)
(Note 3)
400
500
ns
FB forced above the regulation point,
LSAT = GND
0.55
0.85
Quiescent Supply Current (VCC)
ICC
FB forced above the regulation point,
VLSAT > 0.5V
1
mA
Quiescent Supply Current (VDD)
IDD
FB forced above the regulation point
<1
5
µA
Quiescent Supply Current (V+)
IV+
25
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
<1
7
µA
Shutdown Supply Current (VDD)
SHDN = GND
<1
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V,
VCC = VDD = 0 or 5V
<1
5
µA
REFERENCE
TA = +25°C to +85°C
1.986
2
2.014
Reference Voltage
VREF
VCC = 4.5V to 5.5V,
IREF = 0
TA = 0°C to +85°C
1.983
2
2.017
V
Reference Load Regulation
ΔVREF
IREF = -10µA to 50µA
-0.01
+0.01
V
REF Lockout Voltage
VREF(UVLO) Rising edge, hysteresis = 350mV
1.95
V
REFIN Voltage Range
0.7
VREF
V
REFIN Input Bias Current
IREFIN
0.01
0.05
µA
FAULT DETECTION
Overvoltage Trip Threshold
With respect to error comparator threshold,
OVP/UVP = VCC
12
16
20
%
Overvoltage Fault Propagation
Delay
tOVP
FB forced 2% above trip threshold
10
µs
Output Undervoltage Protection
Trip Threshold
With respect to error comparator threshold,
OVP/UVP = VCC
65
70
75
%
Output Undervoltage Protection
Blanking Time
tBLANK
From rising edge of
SHDN
10
35
ms
Output Undervoltage Fault
Propagation Delay
tUVP
10
µs
PGOOD Lower Trip Threshold
With respect to error comparator threshold,
hysteresis = 1%
-13
-10
-7
%
PGOOD Upper Trip Threshold
With respect to error comparator threshold,
hysteresis = 1%
+7
+10
+13
%
PGOOD Propagation Delay
tPGOOD
FB forced 2% beyond PGOOD trip
threshold
10
µs


Similar Part No. - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com