Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2112ETI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2112ETI+
Description  Complete, Direct-Conversion Tuner for DVB-S2 Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2112ETI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2112ETI+ Datasheet HTML 1Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX2112ETI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX2112 low-cost, direct-conversion tuner IC is
designed for satellite set-top and VSAT applications.
The IC is intended for 8PSK and Digital Video
Broadcast (DVB-S2) applications.
The MAX2112 directly converts the satellite signals
from the LNB to baseband using a broadband I/Q
downconverter. The operating frequency range extends
from 925MHz to 2175MHz.
The device includes an LNA and an RF variable-gain
amplifier, I and Q downconverting mixers, and baseband
lowpass filters with programmable cutoff frequency control
and digitally controlled baseband variable-gain amplifiers.
Together, the RF and baseband variable-gain amplifiers
provide more than 80dB of gain control range. The IC is
compatible with virtually all DVB-S2 demodulators.
The MAX2112 includes fully monolithic VCOs, as well as
a complete fractional-N frequency synthesizer.
Additionally, an on-chip crystal oscillator is provided
along with a buffered output for driving additional tuners
and demodulators. Synthesizer programming and device
configuration are accomplished with a 2-wire serial inter-
face. The IC features a VCO autoselect (VAS) function
that automatically selects the proper VCO. For multituner
applications, the device can be configured to have one
of two 2-wire interface addresses. A low-power standby
mode is available whereupon the signal path is shut
down while leaving the reference oscillator, digital inter-
face, and buffer circuits active, providing a method to
reduce power in single and multituner applications.
The MAX2112 is the most advanced DBS tuner avail-
able today. The low noise figure eliminates the need for
an external LNA. A small number of passive compo-
nents are needed to form a complete DVB-S2 RF front-
end solution. The tuner is available in a very small
28-pin thin QFN package.
Applications
DirecTV and Dish Network DBS
DVB-S2
VSATs
Features
o 925MHz to 2175MHz Frequency Range
o Monolithic VCO
Low Phase Noise: -97dBc/Hz at 10kHz
No Calibration Required
o High Dynamic Range: -75dBm to 0dBm
o Integrated Variable BW LP Filters: 4MHz to 40MHz
o Single +3.3V ±5% Supply
o Low-Power Standby Mode
o Address Pin for Multituner Applications
o Differential I/Q Interface
o I2C 2-Wire Serial Interface
o Very Small 28-Pin TQFN Package
Complete, Direct-Conversion
Tuner for DVB-S2 Applications
________________________________________________________________
Maxim Integrated Products
1
RFIN
GC1
VCC_LO
+
IOUT+
QOUT-
VCC_DIG
19
17
16
3
5
18
4
6
VCC_VCO
REFOUT
15
7
GND
IOUT-
20
2
VCC_RF1
21
IDC+
1
26
24
23
10
12
25
11
13
22
14
27
9
28
8
VCC_RF2
MAX2112
INTERFACE LOGIC
AND CONTROL
DC OFFSET
CORRECTION
LPF BW
CONTROL
DIV2/DIV4
EP
FREQUENCY
SYNTHESIZER
QOUT+
Pin Configuration/
Functional Diagram
Ordering Information
19-0869; Rev 2; 5/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
*
EP = Exposed paddle.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX2112CTI+
0°C to +70°C
28 Thin QFN-EP*
MAX2112ETI+
-40°C to +85°C
28 Thin QFN-EP*


Similar Part No. - MAX2112ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2112ETI++ MAXIM-MAX2112ETI+ Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112ETI++ MAXIM-MAX2112ETI+ Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
More results

Similar Description - MAX2112ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2120 MAXIM-MAX2120_10 Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120 Datasheet
314Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 0; 6/07
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com