Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2206EBS+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2206EBS+
Description  RF Power Detectors in UCSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2206EBS+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2206EBS+ Datasheet HTML 1Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 2Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 3Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 4Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 5Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 6Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Power Detectors in UCSP
4
_______________________________________________________________________________________
0
0.5
1.5
1.0
2.0
2.5
-10
0
-5
5
10
15
MAX2207/MAX2208
OUTPUT VOLTAGE vs. INPUT POWER
POWER (dBm)
VCC = +2.7V to +3.5V
fRF = 800MHz
TA = -40
°C TO +85°C
VCC = +3.5V
TA = +85
°C
VCC = +2.7V
TA = -40
°C
0
0.4
0.2
1.0
0.8
0.6
1.6
1.4
1.2
1.8
-10
0
-5
5
10
15
MAX2207/MAX2208
OUTPUT VOLTAGE vs. INPUT POWER
POWER (dBm)
VCC = +2.7V to +3.5V
fRF = 2GHz
TA = -40
°C TO +85°C
VCC = +3.5V
TA = +85
°C
VCC = +2.7V
TA = -40
°C
275
285
280
295
290
305
300
310
-40
10
-15
35
60
85
MAX2207
RESPONSE TIME vs. TEMPERATURE
TEMPERATURE (
°C)
fRF = 900MHz
PIN = +15dBm
VCC = +3.5V
VCC = +3.0V
VCC = +2.7V
10
12
11
15
14
13
18
17
16
19
-40
10
-15
356085
MAX2205/MAX2208
RESPONSE TIME vs. TEMPERATURE
TEMPERATURE (
°C)
fRF = 900MHz
PIN = +15dBm (MAX2208)
PIN = +31dBm (MAX2205)
VCC = +2.7V
VCC = +3.0V
VCC = +3.5V
0
0.5
1.5
1.0
2.0
2.5
616
11
21
26
31
MAX2205
OUTPUT VOLTAGE vs. INPUT POWER
INPUT POWER (dBm)
VCC = +2.7V to +3.5V
fRF = 836MHz
TA = -40
°C to +85°C
MAX2205 EV KIT
VCC = +3.5V
TA = +85
°C
VCC = +2.7V
TA = -40
°C
0
0.3
0.2
0.1
0.5
0.4
0.6
0.7
0.8
614
18
10
22
26
MAX2205
OUTPUT VOLTAGE vs. INPUT POWER
INPUT POWER (dBm)
VCC = +2.7V to +3.5V
fRF = 1880MHz
TA = -40
°C to +85°C
MAX2205 EV KIT
VCC = +3.5V
TA = +85
°C
VCC = +2.7V
TA = -40
°C
Typical Operating Characteristics (continued)
(MAX2206/MAX2207/MAX2208 EV kit, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
A1
RFIN/SHDN
RF Input and Shutdown Logic Input. AC-couple the RF input to this pin and apply the shutdown logic
input through a resistor. Drive low to turn the part off, drive high, or connect to VCC to turn the part on.
A2
VCC
Power-Supply Pin. Bypass to GND with a capacitor as close to the bump as possible.
B1
GND
Ground Connection. Multiple ground vias placed as close to the IC as possible should be used to
connect the ground pin to the ground plane. Connect to PC board ground plane with as low
inductance as possible.
B2
OUT
Detector Output


Similar Part No. - MAX2206EBS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2206EBS MAXIM-MAX2206EBS Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
More results

Similar Description - MAX2206EBS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com