Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05SZ1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ05SZ1
Description  Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05SZ1 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ05SZ1 Datasheet HTML 1Page - Sharp Corporation PQ05SZ1 Datasheet HTML 2Page - Sharp Corporation PQ05SZ1 Datasheet HTML 3Page - Sharp Corporation PQ05SZ1 Datasheet HTML 4Page - Sharp Corporation PQ05SZ1 Datasheet HTML 5Page - Sharp Corporation PQ05SZ1 Datasheet HTML 6Page - Sharp Corporation PQ05SZ1 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ05SZ5/PQ05SZ1 Series
Parameter
Symbol
Conditions
VO
RegL
RegI
TCVO
RR
Vi-O
Iq
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
Quiescent current
Unit
MAX.
TYP.
MIN.
PQ05SZ1/5
PQ09SZ1/5
PQ12SZ1/5
PQ05SZ11/51
PQ09SZ11/51
PQ12SZ11/51
PQXXSZ1/11
PQXXSZ5/51
4.75
8.55
11.4
4.88
8.78
11.7
-
-
-
45
-
-
*4
IO=5mA, *5
IO=5mA, Tj=0 to 125˚C,*6
Refer to Fig. 2
*7
IO=0.5A
IO=0.3A
IO=0A, *6
5.0
9.0
12.0
5.0
9.0
12.0
0.2
0.1
±0.01
60
0.2
4.0
5.25
9.45
12.6
5.12
9.22
12.3
2.0
2.5
-
-
0.5
10.0
Output voltage
s Electrical Characteristics
*3
PQxxSZ1/11 Series:Io=0.5A
PQxxSZ5/51 Series:Io=0.3A
*4
PQ05SZ1/11:VIN=7V, Io=5mA to 1.0A PQ05SZ5/51:VIN=7V, Io=5mA to 0.5A
PQ09SZ1/11:VIN=11V, Io=5mA to 1.0A PQ09SZ5/51:VIN=11V, Io=5mA to 0.5A
PQ12SZ1/11:VIN=14V, Io=5mA to 1.0A PQ12SZ5/51:VIN=14V, Io=5mA to 0.5A
*5
PQ05SZ1/11/5/51:VIN=6 to 16V
PQ09SZ1/11/5/51:VIN=10 to 20V
PQ12SZ1/11/5/51:VIN=13 to 23V
*6
PQ05SZ1/11/5/51:VIN=7V
PQ09SZ1/11/5/51:VIN=11V
PQ12SZ1/11/5/51:VIN=14V
*7 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
(Tj=25˚C, xx=05,09,12)
V
%
%
%/˚C
dB
V
mA
*3
VIN=7V
VIN=11V
VIN=14V
VIN=7V
VIN=11V
VIN=14V
Fig.3
Overcurrent Protection
Characteristics(Typical Value)
Fig.2
Test Circuit of Ripple Rejection
Output current IO (A)
0
0
20
40
60
80
100
0.3
0.6
0.9
1.2
1.5
1.8
2.1
PQxxSZ5/51
PQxxSZ1/11
q
3
q
2
q
1
V
ei
VIN
IO
eO
RL
0.33
µF
47
µF
+
+
~
~
f=120Hz (sine wave)
ei=0.5Vrms
VIN= 7V (PQ05SZ1/11/5/51)
VIN=11V (PQ09SZ1/11/5/51)
VIN=14V (PQ12SZ1/11/5/51)
IO=0.3A
RR=20 log (ei/eo)
q
3
q
2
q
1
A
V
A
VIN
Iq
IO
VO
RL
0.33
µF
47
µF
+
Fig.1
Test Circuit


Similar Part No. - PQ05SZ1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ050DNA1ZPH SHARP-PQ050DNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ050DZ01ZP SHARP-PQ050DZ01ZP Datasheet
46Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050DZ01ZZ SHARP-PQ050DZ01ZZ Datasheet
46Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050ES1MXP SHARP-PQ050ES1MXP Datasheet
39Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050ES3MXP SHARP-PQ050ES3MXP Datasheet
39Kb / 3P
   Low Power-Loss Voltage Regulator
More results

Similar Description - PQ05SZ1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
   Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RG1 SHARP-PQ05RG1 Datasheet
46Kb / 6P
   Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com