Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3172CAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3172CAI
Description  3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3172CAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3172CAI Datasheet HTML 7Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 8Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 9Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 10Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 11Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 12Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 13Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 14Page - Maxim Integrated Products MAX3172CAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
+3.3V Multiprotocol Software-Selectable
Cable Terminators and Transceivers
______________________________________________________________________________________
11
configured for V.10 or V.28 operation as a driver or
receiver (Table 3). This mode-selection table is compati-
ble for use with the MAX3170 (clock/data transceiver)
and the MAX3171/MAX3173 (control transceiver). For
example, if X.21 mode is selected in DCE mode (M2 = 0,
M1 = 1, M0 = 1, and DCE/DTE = 1), the MAX3170,
MAX3171/MAX3173, and MAX3172/MAX3174 trans-
ceivers will all be placed in X.21 DCE mode.
Fail-Safe
The MAX3172/MAX3174 guarantee a logic HIGH
receiver output when the receiver input is shorted to
GND or when it is connected to a terminated transmis-
sion line with the driver disabled. The V.10 receiver
threshold is between +25mV and +250mV. If the V.10
receiver input voltage is less than +25mV, R4OUT is
logic HIGH. If the V.10 receiver input is greater than
+250mV, R4OUT is logic LOW.
The V.28 receiver threshold is between +0.8V and
+2.0V. If the V.28 receiver input voltage is less than
+0.8V, R4OUT is logic HIGH. If the receiver input is
greater than +2.0V, R4OUT is logic LOW. If the driving
transmitter is disabled or disconnected, the receiver’s
input voltage is pulled to zero by its internal termination.
With the receiver thresholds of the MAX3172/MAX3174,
this results in a logic HIGH.
Applications Information
Older multiprotocol cable termination implementations
have been constructed using expensive relays with dis-
crete resistors, custom cables with built-in termination,
or complex circuit board configurations to route signals
to the correct termination. The MAX3172/MAX3174 pro-
vide a simple solution to this termination problem. All
required termination configurations are software selec-
table using four mode-control input pins (M2, M1, M0,
and DCE/DTE).
V.11 Termination
For high-speed data transmission, the V.11 specifica-
tion recommends terminating the cable at the receiver
100Ω
MIN
A′
B′
C′
A
B
C
GENERATOR
BALANCED
INTERCONNECTING
CABLE
CABLE
TERMINATION
RECEIVER
LOAD
Figure 6. Typical V.11 Interface
A
B
S2 OFF
V.11 MODE
V.35 MODE
HIGH-Z MODE
A
C*
B
S2 ON
S1 OFF
A
B
S2 OFF
C*
C*
*NODE C IS PROVIDED IN NETWORKS 1,2,3.
R2
52Ω
R1
52Ω
S1 ON
R3
127Ω
R2
52Ω
R1
52Ω
S1 ON
R3
127Ω
R2
52Ω
R1
52Ω
R3
127Ω
Figure 5. MAX3172/MAX3174 Termination Network Configurations


Similar Part No. - MAX3172CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3172CAI MAXIM-MAX3172CAI Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
More results

Similar Description - MAX3172CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
   3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
logo
Linear Technology
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845 Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
logo
Maxim Integrated Produc...
MXL1544 MAXIM-MXL1544 Datasheet
364Kb / 20P
   5V Multiprotocol, Software-Selectable Control Transceivers
Rev 0; 4/01
logo
Linear Technology
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
logo
Maxim Integrated Produc...
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com