Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3440E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3440E
Description  ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3440E_10 Datasheet HTML 6Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 7Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 8Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 9Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 10Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 11Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 12Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 13Page - Maxim Integrated Products MAX3440E_10 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
10
______________________________________________________________________________________
Pin Description
PIN
MAX3440E
MAX3441E
MAX3442E
MAX3443E
MAX3444E
NAME
FUNCTION
1
FAULT
Fault output. 1 = fault; 0 = normal operation
A or B under the following conditions:
• A-B differential <200mV
• A shorted to B
• A shorted to a voltage within the common-mode range
(detected only when the driver is enabled)
• B shorted to a voltage within the common-mode range
(detected only when the driver is enabled)
• A or B outside the common-mode range
2
1
1
RO
Receiver Output. If receiver enabled and (A-B)
-50mV,
RO = high; if (A-B)
-200mV, RO = low.
2
2
RE
Receiver Output Enable. Pull
RE low to enable RO.
3
DE
Driver Output Enable. Pull
DE low to enable the outputs.
Force
DE high to three-state the outputs. Drive RE and DE
high to enter low-power shutdown mode.
3
DE/RE
Driver/Receiver Output Enable. Pull DE/RE low to three-
state the driver output and enable RO. Force DE/RE high
to enable driver output and three-state RO.
3
DE
Driver Output Enable. Force DE high to enable driver. Pull
DE low to three-state the driver output. Drive RE high and
pull DE low to enter low-power shutdown mode.
4
4
DI
Driver Input. A logic-low on DI forces the noninverting
output low and the inverting output high. A logic-high on
DI forces the noninverting output high and the inverting
output low.
4
TXD
J1708 Input. A logic-low on TXD forces outputs A and B
to the dominant state. A logic-high on TXD forces outputs
A and B to the recessive state.
5
5
5
GND
Ground
6
6
6
A
Noninverting Receiver Input/Driver Output
7
7
7
B
Inverting Receiver Input/Driver Output
8
8
8
VCC
Positive Supply, VCC = +4.75V to +5.25V


Similar Part No. - MAX3440E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
More results

Similar Description - MAX3440E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com