Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3395EEBC+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3395EEBC+T
Description  ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3395EEBC+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3395EEBC+T Datasheet HTML 1Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 2Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 3Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 4Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 5Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 6Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 7Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 8Page - Maxim Integrated Products MAX3395EEBC+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/
Octal-Level Translators with Speed-Up Circuitry
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC; CIOVL
≤ 15pF, CIOVCC ≤ 15pF; TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Push-pull driver, Figure 1
50
I/O VCC_ Rise Time
tRVCC
Open-drain driver, internal pullup, Figure 2
500
ns
Push-pull driver, Figure 1
50
I/O VCC_ Fall Time
tFVCC
Open-drain driver, internal pullup, Figure 2
50
ns
Push-pull driver, Figure 3
50
I/O VL_ Rise Time
tRVL
Open-drain driver, internal pullup, Figure 4
500
ns
Push-pull driver, Figure 3
50
I/O VL_ Fall Time
tFVL
Open-drain driver, internal pullup, Figure 4
50
ns
Push-pull driver, Figure 1
50
tI/OVL-VCC
Open-drain driver, internal pullup, Figure 2
600
Push-pull driver, Figure 3
50
Propagation Delay
tI/OVCC-VL
Open-drain driver, internal pullup, Figure 4
600
ns
Propagation Delay After EN
tEN
Push-pull or open-drain driver, Figure 5
5
µs
Push-pull driver
5
Channel-to-Channel Skew
tSKEW
Open-drain driver, internal pullup
100
ns
Push-pull driver, Figures 1, 3
6
Maximum Data Rate
Open-drain driver, internal pullup,
Figures 2, 4
1
Mbps
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 2: During a low-to-high transition, the threshold at which the I/O changes state is the lower of VILL and VILC since the two sides
are internally connected by an internal switch while the device is in the logic-low state.


Similar Part No. - MAX3395EEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX339 MAXIM-MAX339 Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX339 MAXIM-MAX339 Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX339 MAXIM-MAX339 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX339 MAXIM-MAX339 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3390E MAXIM-MAX3390E Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
More results

Similar Description - MAX3395EEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX6816 MAXIM-MAX6816_15 Datasheet
1Mb / 8P
   ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
Rev 4; 7/14
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com