Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3541ELM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3541ELM+
Description  Complete Single-Conversion Television Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3541ELM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3541ELM+ Datasheet HTML 1Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 2Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Complete Single-Conversion
Television Tuner
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX3541 EV kit, VCC = +3.1V to +3.5V, TA = -40°C to +85°C, 75Ω system impedance, default register settings, VRFAGC = VIFAGC =
+3V (minimum attenuation), unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF INPUT TO IFOUT1 OUTPUT
47
68
174
230
Operating Frequency Range
(see Table 7)
Gain specification met across these
frequency bands
470
862
MHz
Analog channel PIX carrier
38.9
Output Frequency
Digital channel center frequency
36
MHz
Maximum gain
(VRAVGC = 3V)
33
41
49
Voltage Gain
Source impedance
= 75
Ω, load
impedance = 200
Ω Minimum gain
(VRAVGC = 0.5V)
-10
dB
Input Return Loss
Selected channel
10
dB
Noise Figure
Maximum gain (VRFAGC = 3V)
4.9
dB
Maximum gain (VRFAGC = 3V)
20
Input IP2 (In-Band and Out-of-Band Tones)
At 12.5dB of gain
30
dBm
Maximum gain (VRFAGC = 3V)
-10
Input IP3 (In-Band and Out-of-Band Tones)
At 12.5dB of gain
10
dBm
Maximum gain (VRFAGC = 3V)
-38
Input P1dB
At 12.5dB of gain
-5
dBm
Beats Within Output
0dBmV PIX carrier level
-40
dBc
VHF input, 140MHz to 500MHz
-60
VHF input, 500MHz to 1400MHz
-50
Beats, Converted to Output
UHF input, 950MHz to 1400MHz
-60
dBc
Gain Flatness
47MHz to 54MHz
2.5
dBP-P
Isolation
5MHz to 50MHz, RF input to IF output,
relative to desired channel
60
dBc
Port-to-Port Isolation
Isolation between RF input ports at 215MHz
27
dB
Image Rejection
Measured at 77.8MHz above desired
channel’s center frequency
57
70
dBc
5Hz to 65MHz
-40
Spurious Leakage at RF Input
65MHz to 878MHz
-40
dBmV
1kHz
-80
10kHz offset
-85
100kHz offset (1.5kHz loop bandwidth)
-105
Phase Noise (Single-Sideband)
1MHz offset (1.5kHz loop bandwidth)
-125
dBc/Hz
Output Return Loss
Balanced 50
Ω load
20
dB
IF VARIABLE-GAIN AMPLIFIER
Input Impedance
Balanced
2000
Ω
Output Impedance
Balanced (Note 1)
300
Ω


Similar Part No. - MAX3541ELM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3541ELM MAXIM-MAX3541ELM Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results

Similar Description - MAX3541ELM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com