Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3543CTL+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3543CTL+
Description  Multiband Analog and Digital Television Tuner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3543CTL+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3543CTL+ Datasheet HTML 2Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 3Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 4Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 5Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 6Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 7Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 8Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 9Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Multiband Analog and
Digital Television Tuner
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX3543 Evaluation Kit, VCC = 3.3V, TA = +25NC, registers set according to Table 1, unless otherwise noted.)
DETECTOR ATTACK POINT
vs. DETECTOR THRESHOLD SETTING
DETECTOR THRESHOLD SETTING
6
5
4
3
2
1
-55
-50
-45
-40
-35
-30
-25
-60
0
7
fRF = 666MHz, CW TONE, DVB-T MODE
WIDEBAND DETECTOR
NARROWBAND DETECTOR
DVB-T SENSITIVITY vs. FREQUENCY
FREQUENCY (MHz)
800
700
500 600
200 300 400
100
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
-90
0
900
MEASURED MAX3543
NORDIG SPECIFICATION
64QAM (3/4CR, 1/4GI, 8K, 8MHz), BER < 2e-4
DVB-T DIGITAL BLOCKER HANDLING
vs. BLOCKER CHANNEL
RELATIVE BLOCKER CHANNEL
8
7
6
5
4
3
2
1
0
-1
-2
-3
-50
-45
-40
-35
-30
-25
-20
-55
-4
9
64QAM (3/4CR, 1/4GI, 8K, 8MHz), BER < 2e-4
MEASURED MAX3543
NORDIG SPECIFICATION
IMAGE REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
700
600
500
400
300
200
100
40
50
60
70
80
90
100
30
0
900
800
DVB-T MODE
0°C
+70°C
+25°C
REFOUT VOLTAGE vs. TIME
TIME (µs)
0.4
0.3
0.2
0.1
-0.6
-0.3
0
0.3
0.6
0.9
-0.9
0
0.5
fXTAL = 16MHz
/4 MODE (4MHz)
/1 MODE (16MHz)


Similar Part No. - MAX3543CTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3543EVKIT MAXIM-MAX3543EVKIT Datasheet
1Mb / 11P
   All Critical Peripheral Components Included
Rev 0; 5/10
MAX3543EVKIT++ MAXIM-MAX3543EVKIT+ Datasheet
1Mb / 11P
   All Critical Peripheral Components Included
Rev 0; 5/10
More results

Similar Description - MAX3543CTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3544 MAXIM-MAX3544 Datasheet
1Mb / 20P
   Multiband Digital Television Tuner
Rev 0; 7/10
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2177 SKYWORKS-SI2177 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2177 SILABS-SI2177 Datasheet
61Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2178 SILABS-SI2178 Datasheet
117Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
logo
List of Unclassifed Man...
UV1315 ETC1-UV1315 Datasheet
951Kb / 14P
   VHF/UHF television tuner
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com