Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3665 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3665
Description  622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3665 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3665_05 Datasheet HTML 2Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 3Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 4Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 5Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 6Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 7Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 8Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 9Page - Maxim Integrated Products MAX3665_05 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Therefore,
PAVG = PP-P (1 / 2)[(re + 1) / (re - 1)]
Sensitivity is a key specification of the receiver module.
The ITU/Bellcore specifications for SDH/SONET
receivers require a link sensitivity of -27dBm with a bit
error rate (BER) of 10-10. There is an additional 1dB
power penalty to accommodate various system losses;
therefore, the sensitivity of a 622Mbps receiver must be
better than -28dBm.
Although several parameters affect sensitivity (such as
the quantizer sensitivity and preamplifier gain, as previ-
ously discussed), most fiber optic receivers are designed
so that noise is the dominant factor. Noise from the high-
gain transimpedance amplifier, in particular, determines
the sensitivity. The noise generated by the MAX3665 can
be modeled with a Gaussian distribution. In this case, a
BER of 10-10 corresponds to a peak-to-peak signal
amplitude to RMS noise ratio (SNR) of 12.7. The
MAX3665’s typical input-referred noise, in, (bandwidth-
limited to 470MHz) is 55nARMS. Therefore, the minimum
input for a BER of 10-10 is (12.7 · 55nA) = 699nAP-P.
Rearranging the previous equations in these terms
results in the following relationship:
Optical Sensitivity (dBm) =
10log[(in /
ρ)(SNR)(1/2)(re + 1) / (re - 1)(1000)]
At room temperature, with re = 10, SNR = 12.7, in =
55nA, and
ρ = 0.9A/W, the MAX3665 sensitivity is
-33.2dBm. For worst-case conditions, noise increases
to 72nA and sensitivity decreases to -32.1dBm. The
MAX3665 provides 5.1dB margin over the SDH/SONET
specifications, even at +85°C.
The MAX3665’s overload current (IMAX) is greater than
450µAP-P. The pulse-width distortion and input current are
closely related. If the clock recovery circuit can accept
more pulse-width distortion, a higher input current might
be acceptable. For worst-case responsivity and extinction
ratio,
ρ = 1A/W and re = ∞, the input overload is:
Overload (dBm) = -10log (IMAX)(1 / 2)(1000)
For IMAX = 450µA, the MAX3665 overload is -6.5dBm.
Step 2: Designing Filters
The MAX3665’s noise performance is a strong function
of the circuit’s bandwidth, which changes over temper-
ature and varies from lot to lot. The receiver sensitivity
can be improved by adding filters to limit this band-
width. Filter designs can range from a one-pole filter
using a single capacitor, to more complex filters using
inductors. Figure 3 illustrates two examples: the simple
filter provides moderate roll-off with minimal compo-
nents, while the complex filter provides a sharper roll-
off. Parasitics on the PC board will affect the filter char-
acteristics. Refer to the MAX3665 EV kit data sheet for a
layout example of the filter shown in Figure 3b.
Supply voltage noise at the cathode of the photodiode
produces a current I = CPHOTO (
∆V/∆t), which reduces
the receiver sensitivity. CPHOTO is the photodiode
capacitance.
The FILT resistor of the MAX3665, combined with an
external capacitor (see Typical Operating Circuit) can
be used to reduce this noise. The external capacitor
(CFILT) is placed in parallel with the photodiode.
Current generated by supply noise is divided between
CFILT and CPHOTO. The input noise current due to sup-
ply noise is (assuming the filter capacitor is much larger
than the photodiode capacitance):
I
VC
RC
NOISE
NOISE
PHOTO
FILT
FILT
= ()(
)
()(
)
622Mbps, Ultra-Low-Power, 3.3V
Transimpedance Preamplifier for SDH/SONET
6
_______________________________________________________________________________________
MAX3665
C1
5pF
22nH
22nH
RL
100
a) SIMPLE, 1-POLE, 530MHz FILTER
50
50
MAX3665
4pF
5pF
RL
100
b) 3-POLE, 515MHz FILTER
50
50
1.2pF
1.2pF
REFER TO THE MAX3665 EV KIT DATA SHEET
FOR THE FILTER LAYOUT EXAMPLE.
Figure 3. Filter Design Examples


Similar Part No. - MAX3665_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3665E/D MAXIM-MAX3665E/D Datasheet
584Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3665EUA MAXIM-MAX3665EUA Datasheet
584Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
More results

Similar Description - MAX3665_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com