Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3668EHJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3668EHJ
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3668EHJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3668EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 11Page - Maxim Integrated Products MAX3668EHJ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ratio is re = 6.6 (8.2dB), the operating temperature is
-40°C to +85°C, and the laser diode has the following
characteristics:
Wavelength:
λ = 1.3µm
Threshold Current:
ΙTH = 22mA at +25°C
Threshold Temperature
Coefficient:
βTH = 1.3%/°C
Laser to Monitor Transfer:
ρMON = 0.2A/W
Laser Slope Efficiency:
η = 0.05mW/mA
at +25°C
Determine RAPCSET
The desired monitor diode current is estimated by
IMD = PAVE
× ρMON = 200µA. The Monitor Diode Current
vs. APC Set Resistor graph in the Typical Operating
Characteristics shows that RAPCSET should be 6k
Ω.
Determine RMODSET
To achieve a minimum extinction ratio (re) of 6.6 over
temperature and lifetime, calculate the required extinc-
tion ratio at +25°C. Assuming re = 20, the peak-to-peak
optical power Pp-p = 1.81mW according to Table 1. The
required modulation current is 1.81(mW) / 0.05(mW/mA)
= 36.2mA. The Modulation Current vs. Modulation Set
Resistor graph in the (see Typical Operating Characteri-
stics) shows that RMODSET should be 5k
Ω.
Determine RBIASMAX
Calculate the maximum threshold current (ITH(MAX)) at
TA = +85°C and end of life. Assuming ITH(MAX) =
50mA, the maximum bias current should be:
IBIAS = ITH(MAX) + IMOD / 2
In this example, IBIAS = 68.1mA. The Bias Current vs.
Maximum Bias Set Resistor graph in the Typical
Operating Characteristics shows that RBIASMAX should
be 3k
Ω.
Modulation Current More than 50mA
To drive modulation currents greater than 50mA at
3.3V, external pull-up inductors (Figure 5) should be
used to DC-bias the modulation output at VCC. Such a
configuration isolates the laser forward voltage from the
output circuitry and allows the output at OUT+ to swing
above and below the supply voltage VCC.
At +5V power supply, the headroom voltage for the
MAX3668 is significantly improved. In this case, it is
possible to achieve a modulation current of more than
50mA (using resistor pull-ups as shown in the Typical
Operating Circuit). The MAX3668 can also be DC-coupled
to a laser diode when operating at +5V supply; the volt-
age at OUT+ should be
≥2.0V for proper operation.
Wire Bonding Die
For high current density and reliable operation, the
MAX3668 uses gold metalization. Make connections to
the die with gold wire only, using ball-bonding tech-
niques. Wedge bonding is not recommended. Die-pad
size is 4 mils (100µm) square, and die thickness is 12
mils (300µm) mils.
Layout Considerations
To minimize inductance, keep the connections between
the MAX3668 output pins and LD as close as possible.
Optimize the laser diode performance by placing a
bypass capacitor as close as possible to the laser
anode. Use good high-frequency layout techniques
and multilayer boards with uninterrupted ground planes
to minimize EMI and crosstalk.
Laser Safety and IEC 825
Using the MAX3668 laser driver alone does not ensure
that a transmitter design is compliant with IEC 825. The
entire transmitter circuit and component selections must
be considered. Customers must determine the level of
fault tolerance required by their application, recognizing
that Maxim products are not designed or authorized for
use as components in systems intended for surgical
implant into the body, for applications intended to sup-
port or sustain life, or for any other application where the
failure of a Maxim product could create a situation
where personal injury or death may occur.
+3.3V, 622Mbps SDH/SONET
Laser Driver with Automatic Power Control
_______________________________________________________________________________________
9
LD
CD
RFILT
CFILT
1000pF
1.0
µF5Ω
10
RD
VCC
FERRITE
BEADS
FERRITE BEAD
MD
BIAS
OUT+
OUT-
MAX3668
Figure 5. Output Termination for Maximum Modulation Current


Similar Part No. - MAX3668EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3668EHJ MAXIM-MAX3668EHJ Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
More results

Similar Description - MAX3668EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com