Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3669EHJ+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3669EHJ+
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3669EHJ+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3669EHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3669EHJ+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
+3.3V, 622Mbps SDH/SONET
Laser Driver with Current Monitors and APC
8
_______________________________________________________________________________________
Automatic Power Control
To maintain constant average optical power, the
MAX3669 incorporates an APC loop to compensate for
the changes in laser threshold current over temperature
and lifetime. A back-facet photodiode mounted in the
laser package is used to convert the optical power into a
photocurrent. The APC loop adjusts the laser bias cur-
rent so the monitor current is matched to a reference cur-
rent set by RAPCSET. The time constant of the APC loop
is determined by an external capacitor (CAPC). To elimi-
nate the pattern-dependent jitter associated with the
APC loop-time constant and to guarantee loop stability,
the recommended value for CAPC is 0.1µF.
When the APC loop is functioning, the maximum allowable
bias current is set by an external resistor, RBIASMAX. An
APC failure flag (FAIL) is set low when the bias current can
no longer be adjusted to achieve the desired average
optical power.
APC closed-loop operation requires the user to set three
currents with external resistors connected between
ground and BIASMAX, MODSET, and APCSET. Detailed
guidelines for these resistor settings are described in
the Design Procedure section.
Bias and Modulation Monitors
The MAX3669 includes pins to monitor the output levels
of bias and modulation current. BIASMON and MOD-
MON sink current proportional to laser bias current and
modulation current, respectively. By monitoring the cur-
rent through RMODMON and RBIASMON, it is possible to
monitor the levels of bias and modulation current in the
laser (Figure 3).
Open-Loop Operation
If necessary, the MAX3669 is fully operational without
APC. In this case, the laser current is directly set by two
external resistors connected from ground to BIASMAX
and MODSET. Connect a 100k
Ω resistor from APCSET
to ground and leave MD open for open-loop operation.
Enable Control
The MAX3669 incorporates a laser driver enable func-
tion. When ENABLE is low, both the bias and modulation
currents are off. The typical laser enable time is 250ns.
APC Failure Monitor
The MAX3669 provides an APC failure monitor
(TTL/CMOS) to indicate an APC loop tracking failure. FAIL
is set low when the APC loop can no longer adjust the bias
current to maintain the desired monitor current. This output
is internally pulled up to VCC through a 6k
Ω resistor.
Short-Circuit Protection
The MAX3669 provides short-circuit protection for the
modulation, bias, and monitor current sources. If either
BIASMAX, MODSET, or APCSET is shorted to ground,
the bias and modulation outputs will be turned off.
Design Procedure
When designing a laser transmitter, the optical output is
usually expressed in terms of average power and extinc-
tion ratio. Table 1 gives the relationships that are helpful
in converting between the optical average power and the
modulation current. These relationships are valid if the
average duty cycle of the optical waveform is 50%.
Programming the Modulation Current
In addition to being a function of RMODSET, the modula-
tion current delivered to the laser (IMODL) also depends
on the values of the series damping resistor (RD), the
shunt compensation resistance (RFILT), and the laser
diode’s resistance (see Typical Operating Circuit).
The modulation current (assuming CFILT<<CD) into the
laser diode can be represented by the following:
Assuming RD = 5
Ω and rLASER = 5Ω, this equation is
simplified to:
IMODL = IMOD(0.67)
For RD = 5.0
Ω and a laser resistance of approximately
5
Ω, see the Modulation Current vs. Modulation Set
Resistor graph in the Typical Operating Characteristics
and select the value of RMODSET that corresponds to
the required current at +25°C.
Programming the Bias Current
When using the MAX3669 in open-loop operation, the
bias current is determined by the RBIASMAX resistor. To
select this resistor, determine the required bias current
at +25°C. See the Bias Current vs. Maximum Bias Set
I
= I
2
2
+ R + r
MODL
MOD
D
LASER
0
0
()
Table 1. Optical Power Definition
IMODL = PP-P /
η
IMOD
Laser Modulation
Current
η = PP-P / IMODL
η
Laser Slope
Efficiency
PP-P = 2PAVG (re - 1) / (re + 1)
PP-P
Optical Amplitude
P0 = 2PAVG / (re + 1)
P0
Optical Power Low
P1 = 2PAVG x re / (re + 1)
P1
Optical Power High
re = P1 / P0
re
Extinction Ratio
PAVG = (P0 + P1) / 2
PAVG
Average Power
RELATION
SYMBOL
PARAMETER


Similar Part No. - MAX3669EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3669EHJ++ MAXIM-MAX3669EHJ+ Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
More results

Similar Description - MAX3669EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com