Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3670EGJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3670EGJ
Description  Low-Jitter 155MHz/622MHz Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3670EGJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3670EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 9Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 10Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 11Page - Maxim Integrated Products MAX3670EGJ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
peaking in the PLL passband region to less than 0.1dB.
This can be achieved by setting fZ
≤ K/100.
The three-level GSEL pins (see
Functional Diagram)
select the phase-detector gain (KPD) and the frequency-
divider ratio (N2). Table 3 summarizes the settings for
the GSEL pins. A more detailed analysis of the loop filter
is located in application note HFDN-13.0 on
www.maxim-ic.com.
Setting the Higher-Order Poles
Spurious noise is generated by the phase detector
switching at the compare frequency, where fCOMPARE
= fVCO/(N1 N2). Reduce the spurious noise from the
digital phase detector by placing a higher-order pole
(HOP) at a frequency much less than the compare fre-
quency. The HOP should, however, be placed high
enough in frequency that it does not decrease the over-
all loop-phase margin and impact jitter peaking. These
two conditions can be met by selecting the HOP fre-
quency to be (K 4) < fHOP
≤ fCOMPARE, where K is
the loop bandwidth.
The HOP can be implemented either by providing a
compensation capacitor C2, which produces a pole at
or by adding a lowpass filter, consisting of R3 and C3,
directly on the VCO tuning port, which produces a pole at
Using R3 and C3 may be preferable for filtering more
noise in the PLL, but it may still be necessary to provide
filtering via C2 when using large values of R1 and N1 N2
to prevent clipping in the op amp.
Setting the Optional Output
The MAX3670 optional clock output can be set to bina-
ry subdivisions of the main clock frequency. The PSEL1
and PSEL2 pins control the binary divisions. Table 4
shows the pin configuration along with the possible
divider ratios.
Applications Information
PECL Interfacing
The MAX3670 outputs (MOUT+, MOUT-, POUT+,
POUT-) are designed to interface with PECL signal lev-
els. It is important to bias these ports appropriately. A
circuit that provides a Thévenin equivalent of 50
Ω to
VCC - 2V can be used with fixed-impedance transmis-
sion lines with proper termination. To ensure best per-
formance, the differential outputs must have balanced
loads. It is important to note that if optional clock output
is not used, it should be left unconnected to save
power (see Figure 2).
f
RC
HOP=
π
1
2
33
f
kC
HOP=
πΩ
1
220
2
()(
)
Low-Jitter 155MHz/622MHz
Clock Generator
_______________________________________________________________________________________
9
INPUT
PIN
GSEL1
INPUT
PIN
GSEL2
INPUT
PIN
GSEL3
KPD
(µA/UI)
DIVIDER
RATIO
N2
VCC
VCC
VCC
20
1
OPEN
VCC
VCC
20
2
GND
VCC
VCC
20
4
VCC
OPEN
VCC
20
8
OPEN
OPEN
VCC
20
16
GND
OPEN
VCC
20
32
VCC
GND
VCC
20
64
OPEN
GND
VCC
20
128
GND
GND
VCC
20
256
VCC
VCC
GND
20
512
OPEN
VCC
GND
20
1024
VCC
VCC
OPEN
5
1
OPEN
VCC
OPEN
5
2
GND
VCC
OPEN
5
4
VCC
OPEN
OPEN
5
8
OPEN
OPEN
OPEN
5
16
GND
OPEN
OPEN
5
32
VCC
GND
OPEN
5
64
OPEN
GND
OPEN
5
128
GND
GND
OPEN
5
256
VCC
OPEN
GND
5
512
OPEN
OPEN
GND
5
1024
Table 3. Gain Logic Pin Setup
INPUT PIN
PSEL1
INPUT PIN
PSEL2
VCO TO POUT
DIVIDER RATIO
VCC
VCC
1
GND
VCC
2
VCC
GND
4
GND
GND
8
Table 4. Setting the Optional Clock
Output Driver


Similar Part No. - MAX3670EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
More results

Similar Description - MAX3670EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com