Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4005Q Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SM4005Q
Description  Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SM4005Q Datasheet(HTML) 1 Page - Diotec Semiconductor

  SM4005Q Datasheet HTML 1Page - Diotec Semiconductor SM4005Q Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4001Q ... SM4007Q, SM513Q, SM516Q, SM518Q
SM4001Q ... SM4007Q,
SM513Q, SM516Q, SM518Q
Surface Mount Si-Rectifiers
Si-Gleichrichter für die Oberflächenmontage
Version 2008-08-07
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1800 V
Plastic case QuadroMELF
Kunststoffgehäuse QuadroMELF
~ DO-213AB
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
SM4001Q
50
50
SM4002Q
100
100
SM4003Q
200
200
SM4004Q
400
400
SM4005Q
600
600
SM4006Q
800
800
SM4007Q
1000
1000
SM513Q
1300
1300
SM516Q
1600
1600
SM518Q
1800
1800
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 75°C
TT = 100°C
IFAV
1 A
0.8 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 1)
Peak forward pulse current, t = 1 ms
Max. zulässiger Stromimpuls, t = 1 ms
TA = 85°C
IFSM
100 A
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - SM4005Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM4005Q DIOTEC-SM4005Q Datasheet
132Kb / 2P
   Surface Mount Si-Rectifiers
SM4005Q DIOTEC-SM4005Q Datasheet
104Kb / 2P
   Surface Mount Si-Rectifiers
SM4005Q DIOTEC-SM4005Q Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - SM4005Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
   Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
   Surface Mount Si-Rectifiers
SM4001 DIOTEC-SM4001 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com