Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1R30 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1R30
Description  Low Power-Loss Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R30 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1R30 Datasheet HTML 1Page - Sharp Corporation PQ1R30 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Vin
16
V
Vc
16
V
Io
240
mA
Pd
400
mW
Tj
150
˚C
Topr
-30 to +80
˚C
Tstg
-55 to +150
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
Tsol
260(For 10s)
˚C
*1 All are open except GND and applicable terminals.
*2 At surface-mounted condition
*3 Overheat protection may operate at 125<=Tj<=150˚C
*4
Electrical Characteristics (Unless otherwise specified, Vc=1.8V, Io=30mA.)
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output
voltage
PQ1R25
PQ1R27
PQ1R28
PQ1R30
PQ1R33
PQ1R47
PQ1R50
Vo
2.42
2.5
2.58
2.62
2.7
2.78
2.72
2.8
2.88
2.92
3.0
3.08
3.215
3.3
3.385
4.58
4.7
4.82
4.88
5.0
5.12
150
V
mA
mA
Output current
Io
−−
10
50
180
240
mV
20
100
mV
30
160
mV
Load regulation
RegL1
RegL2
RegL3
Io=5mA to 60mA
Io=5mA to 100mA
Io=5mA to 150mA
Line regulation
RegI
Vin=3.5 to 8.5V
3.0
20
mV
Temperature coefficient of output voltage
TcVo
Io=10mA,Tj= -25 to 75˚C
10kHz<f<100kHz,
Cn=0.1µF, Io=30mA
0.05
%/˚C
30
50
µV
Ripple rejection
RR
Vno
45
55
dB
Dropout voltage
Output noise
voltage
PQ1R25/27/28/30/33
PQ1R47/50
Vi-o1
Vi-o2
Io=60mA,*5
Io=150mA,*5
0.16
0.26
0.29
0.4
V
ON-state voltage for control
Vc(on)
1.8
V
ON-state current for control
Ic(on)
Vc=1.8V
12
30
µA
OFF-state voltage for control
Vc(off)
−−
0.6
V
170
350
µA
µA
Quiescent current
Iq
Io=0mA
Output OFF-state dissipation current
Iqs
Vin=8V,Vc=0.4V
Response time(Rise time)
tr
Io=30mA,Vc=0
→1.8V
Noise control terminal voltage
−−
−−
0.1
ms
0.3
V
1.25
*4 Output current shall be the value when output voltage lowers 0.3V from the voltage at Io=30mA.
*5 Input voltage shall be the value when output voltage is 95% in comparison with initial value.
*6 In case of opening control terminal 1, output voltage turns off.
Tec.PW960201-B
Low Power-Loss Voltage Regulator
PQ1R30 series
Recommended output current
As of January 1997
*1
*1
*2
*3
*6


Similar Part No. - PQ1R30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1R30 SHARP-PQ1R30 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30 Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ1R30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
   Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
   Low Power-Loss Voltage Regulator
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K333M2ZPH SHARP-PQ1K333M2ZPH Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ05RD21 SHARP-PQ05RD21 Datasheet
21Kb / 2P
   Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08 Datasheet
20Kb / 2P
   Low Power-Loss Voltage Regulator
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
   Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
   Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
   Low Power-loss Voltage Regulator
PQXXXDZ01Z SHARP-PQXXXDZ01Z Datasheet
46Kb / 3P
   Low Power-Loss Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com