Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX4741 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4741
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4741 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4741 Datasheet HTML 1Page - Maxim Integrated Products MAX4741 Datasheet HTML 2Page - Maxim Integrated Products MAX4741 Datasheet HTML 3Page - Maxim Integrated Products MAX4741 Datasheet HTML 4Page - Maxim Integrated Products MAX4741 Datasheet HTML 5Page - Maxim Integrated Products MAX4741 Datasheet HTML 6Page - Maxim Integrated Products MAX4741 Datasheet HTML 7Page - Maxim Integrated Products MAX4741 Datasheet HTML 8Page - Maxim Integrated Products MAX4741 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +3.0V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C
18
24
Turn-On Time
tON
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
28
ns
+25°C
12
16
Turn-Off Time
tOFF
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
18
ns
+25°C
6
Break-Before-Make (Note 6)
tBBM
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1 (MAX4743)
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0, CL =
1.0nF, Figure 3
+25°C
28
pC
NO_ or NC_ Off-
Capacitance
COFF
f = 1MHz, Figure 4
+25°C
32
pF
COM_ Off-Capacitance
CCOM_(OFF)
f = 1MHz, Figure 4
+25°C
32
pF
COM_ On-Capacitance
CCOM_(ON)
f = 1MHz, Figure 4
+25°C
44
pF
-3dB On-Channel Bandwidth
BW
Signal = 0, RIN = ROUT =
50
Ω, CL = 5pF, Figure 2
100
MHz
Off-Isolation (Note 7)
VISO
f = 1MHz, VCOM_ = 1VRMS, RL
= 50
Ω, CL = 5pF, Figure 2
+25°C
-55
dB
Crosstalk (Note 8)
f = 1MHz, VCOM_ = 1VRMS, RL
= 50
Ω, CL = 5pF, Figure 2
+25°C
-110
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM_ =
2Vp-p, RL = 32
+25°C
0.02
%
LOGIC INPUT
Input Logic High
VIH
1.4
V
Input Logic Low
VIL
0.5
V
Input Leakage Current
IIN
VIN_ = 0 or V+
-1
0.005
1µA
POWER SUPPLY
Power-Supply Range
V+
1.6
3.6
V
Positive Supply Current
I+
V+ = 3.6V, VIN_ = 0 or V+,
all channels on or off
+25°C
0.2
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn