Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX4741 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX4741
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4741 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4741 Datasheet HTML 1Page - Maxim Integrated Products MAX4741 Datasheet HTML 2Page - Maxim Integrated Products MAX4741 Datasheet HTML 3Page - Maxim Integrated Products MAX4741 Datasheet HTML 4Page - Maxim Integrated Products MAX4741 Datasheet HTML 5Page - Maxim Integrated Products MAX4741 Datasheet HTML 6Page - Maxim Integrated Products MAX4741 Datasheet HTML 7Page - Maxim Integrated Products MAX4741 Datasheet HTML 8Page - Maxim Integrated Products MAX4741 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply (continued)
(V+ = +1.8V, VIH = +1.0V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
LOGIC INPUT
Input Logic High
VIH
1V
Input Logic Low
VIL
0.4
V
Input Leakage Current
IIN
VIN_ = 0 or V+
-1
1
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is
used in this data sheet.
Note 3: µDFN and SOT23 packaged parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by
design and correlation. µMAX packaged parts -40°C specifications are guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and the minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10(VCOM_/VNO_), VCOM_ = output, VNO_ = input to off switch.
Note 8: Between two switches.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.4
0.2
0.8
0.6
1.2
1.4
1.0
0
0.8 1.2
0.4
1.6 2.0 2.4 2.8 3.2 3.6
ON-RESISTANCE vs. VCOM
VCOM (V)
V+ = +1.8V
V+ = +2.5V
V+ = +2.7V
V+ = +3.0V
V+ = +3.3V
V+ = +2.0V
V+ = +3.6V
ICOM = 100mA
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
V+ = +2.7V
ICOM = 100mA
8
16
12
24
20
28
32
40
36
44
1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
V+ (V)
tON
tOFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn