Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX4741 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX4741
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4741 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4741 Datasheet HTML 2Page - Maxim Integrated Products MAX4741 Datasheet HTML 3Page - Maxim Integrated Products MAX4741 Datasheet HTML 4Page - Maxim Integrated Products MAX4741 Datasheet HTML 5Page - Maxim Integrated Products MAX4741 Datasheet HTML 6Page - Maxim Integrated Products MAX4741 Datasheet HTML 7Page - Maxim Integrated Products MAX4741 Datasheet HTML 8Page - Maxim Integrated Products MAX4741 Datasheet HTML 9Page - Maxim Integrated Products MAX4741 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
8
12
10
18
16
14
24
22
20
26
-40
10
-15
35
60
85
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON, V+ = +1.8V
tON, V+ = +3V
tOFF, V+ = +1.8V
tOFF, V+ = +3V
10,000
1
-40
-15
35
60
LEAKAGE CURRENT
vs. TEMPERATURE
10
100
1000
TEMPERATURE (
°C)
10
85
OFF
ON
V+ = +3V
0
10
5
25
20
15
30
35
40
45
0.3
0.9 1.2
0.6
1.5 1.8 2.1 2.4 2.7 3.0 3.3
CHARGE INJECTION vs. OUTPUT VOLTAGE
VCOM (V)
V+ = +1.8V
V+ = +3.3V
0
-120
0.01
0.1
1
10
100
1000
FREQUENCY RESPONSE
-105
-90
FREQUENCY (MHz)
-60
-75
-15
0
-30
-45
ON-RESPONSE
OFF-ISOLATION
CROSSTALK
0.5
0.8
0.7
0.6
0.9
1.0
1.1
1.6
2.4
2.2
1.8 2.0
2.6 2.8 3.0 3.2 3.4 3.6
LOGIC THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
V+ (V)
RISING
FALLING
0.025
0.020
0.015
0.010
0.005
0
1
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10
100
1k
RL = 32
V+ = +3V
100.00
0.01
0
0.8
0.4
1.6
2.4
3.2
2.8
SUPPLY CURRENT vs. SUPPLY
VOLTAGE AND TEMPERATURE
0.10
1.00
10.00
V+ (V)
1.2
2.0
3.6
TA = +85
°C
TA = +25
°C
TA = -40
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn