Electronic Components Datasheet Search |
|
TGL34-47A Datasheet(PDF) 4 Page - Diotec Semiconductor |
|
TGL34-47A Datasheet(HTML) 4 Page - Diotec Semiconductor |
4 / 4 page TGL34-6.8 ... TGL34-200CA 1 The range of type numbers is graded to the international E 24 standard. The standard tolerance of the breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the breakdown voltage. e.g.: TGL34-51C = bidirectional diode, VBR = 51 V (± 10%), VWM ≥ 41.3 V at ID = 5 μA TGL34-9.1A = unidirectional diode, VBR = 9.1 V (± 5%), VWM ≥ 7.7 V at ID = 50 μA Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die Toleranz der Abbruchspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%. Suffix “A” kennzeichnet eine Toleranz der Abbruchspannung von ± 5%. 1 Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss 4 http://www.diotec.com/ © Diotec Semiconductor AG 120 100 80 60 40 20 0 [%] P PP [°C] T A 150 100 50 0 I PP Peak pulse power/current vs. ambient temperature ) Impuls-Spitzenleistung/Strom vs. Umgebungstemp. ) 1 1 10 10 1 0.1 2 [kW] P PP 0.1µs t 1µs 10µs 100µs 1ms 10ms P Non repetitive peak pulse power versus pulse width (10/1000 wave form) Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls) 10/1000µs - pulse waveform 10/1000µs - Impulsform I PP P PP 100 80 60 40 20 0 0 t 1 2 3 4 [ms] [%] t P I /2 PPM P /2 PPM t = 10 µs r |
Similar Part No. - TGL34-47A |
|
Similar Description - TGL34-47A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |