Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ20VZ51 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ20VZ51
Description  Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20VZ51 Datasheet(HTML) 6 Page - Sharp Corporation

  PQ20VZ51 Datasheet HTML 1Page - Sharp Corporation PQ20VZ51 Datasheet HTML 2Page - Sharp Corporation PQ20VZ51 Datasheet HTML 3Page - Sharp Corporation PQ20VZ51 Datasheet HTML 4Page - Sharp Corporation PQ20VZ51 Datasheet HTML 5Page - Sharp Corporation PQ20VZ51 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ20VZ51/PQ20VZ11
Sleeve-packaged products
Standard type
-
-
Tape-packaged products
High-precision output type
PQ20VZ51
PQ20VZ11
Standard type
-
-
High-precision output type
PQ20VZ5U
PQ20VZ1U
Output current
0.5A output
1.0A output
s Model Line-ups for Tape-packaged Products
s
ON/OFF Operation
As shown in the figure,ON/OFF control function is available.
+
-
Vref
3
4
5
R2
R1
VO
VO=VrefX(1+R2/R1)
=1.25X(1+R2/1000)
(R1=1k
Ω,Vref = 1.25V)
q
3
q
5
q
1
q
2
VO
VIN
CO
DC input
+
High
: Output ON
Low or Open : Output OFF
ON/OFF
signal
s
Adjustment of Output Voltage
Output voltage is able to be set from 1.5V to 20V when resistors R1,R2 are attached to£,¢,
terminals. As for the external resistors to set output voltage, refer to the following figure or Fig.5.


Similar Part No. - PQ20VZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ20VZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
   2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com