Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30RV2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Fig.9 Output Voltage vs. Input Voltage
(PQ30RV1/PQ30RV11)
Fig.11 Dropout Voltage vs. Junction
Temperature (PQ30RV1/PQ30RV11)
Fig.13 Quiescent Current vs. Junction
Temperature
Fig.12 Dropout Voltage vs. Junction
Temperature (PQ30RV2/PQ30RV21)
Fig.14 Ripple Rejection vs. Input Ripple
Frequency (PQ30RV1/PQ30RV11)
Fig.10 Output Voltage vs. Input Voltage
(PQ30RV2/PQ30RV21)
0
0
5
10
15
510
15
20
RL=
R1=390
Ω,R2=2.7kΩ,Tj=25˚C
RL=10
Input voltage VIN (V)
0
0
5
10
15
510
15
20
RL=
R1=390
Ω,R2=2.7kΩ,Tj=25˚C
RL=5
Input voltage VIN (V)
-20
0
0
0.1
0.2
0.3
0.4
0.5
25
50
75
100
125
R1=390
Ω,R2=2.7kΩ
VIN:input voltage shall be the
value when output voltage is
95% in comparison with the initial value
Io=1A
0.75A
0.25A
0.5A
Junction temperature Tj (˚C)
-20
0
0
0.1
0.2
0.3
0.4
0.5
25
50
75
100
125
R1=390
Ω,R2=2.7kΩ
VIN:input voltage shall be the
value when output voltage is
95% in comparison with the initial value
IO=2A
1.5A
0.5A
1A
Junction temperature Tj (˚C)
0
1
2
3
4
5
-20
0
25
50
75
100
125
VIN=35V
IO=0
Junction temperature Tj (˚C)
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
Cref=3.3
µF
No Cref
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
IO=0.5A,ei=0.5Vrms,
VIN=15V


Similar Part No. - PQ30RV2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV2 SHARP-PQ30RV2 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
PQ30RV21 SHARP-PQ30RV21 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
More results

Similar Description - PQ30RV2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com