Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5943CEEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5943CEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943CEEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5943CEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5943CEEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
_______________________________________________________________________________________
7
MAX5943A SHORT-CIRCUIT EVENT
(VIN = 37V)
MAX5943 toc17
IIN
10A/div
VOUT
50V/div
VGATE2
50V/div
VIN
50V/div
100ns/div
ILIM = GND
VFAULT
50V/div
MAX5943A SHORT-CIRCUIT RESPONSE
(VIN = 8V)
MAX5943 toc18
IIN
1A/div
VOUT
10V/div
VGATE2
10V/div
VIN
10V/div
400
μs/div
TIM = IN
VFAULT
10V/div
MAX5943A SHORT-CIRCUIT RESPONSE
(VIN = 8V)
MAX5943 toc19
IIN
10A/div
VOUT
10V/div
VGATE2
10V/div
VIN
10V/div
100ns/div
VFAULT
10V/div
MAX5943E SHORT-CIRCUIT RESPONSE
(VIN = 24V)
MAX5943 toc20
IIN
166A/div
VOUT
50V/div
VGATE2
50V/div
VIN
50V/div
200
μs/div
VFAULT
50V/div
MAX5943E SHORT-CIRCUIT RESPONSE
(VIN = 8V)
MAX5943 toc21
IIN
60A/div
VOUT
10V/div
VGATE2
10V/div
VIN
10V/div
100
μs/div
VFAULT
10V/div
TIM = IN
ORing SWITCHOVER WAVEFORM
MAX5943 toc22
IIN1
500mA/div
VOUT
1V/div
200
μs/div
IIN2
500mA/div
VIN1 = 12V
VON2 RISING = 12V
VIN2 = 128V
COUT = 0
Typical Operating Characteristics (continued)
(VIN = +12V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5943CEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5943CEEE MAXIM-MAX5943CEEE Datasheet
933Kb / 20P
   FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 0; 8/04
More results

Similar Description - MAX5943CEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5943 MAXIM-MAX5943 Datasheet
933Kb / 20P
   FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 0; 8/04
MAX5944 MAXIM-MAX5944_V01 Datasheet
933Kb / 17P
   Dual FireWire Current Limiter and Low-Drop ORing Switch Controller
2021
MAX5944 MAXIM-MAX5944 Datasheet
812Kb / 15P
   Dual FireWire Current Limiter and Low-Drop ORing
Rev 0; 10/04
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com