Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5961 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5961
Description  0 to 16V, Quad, Hot-Swap Controller with 10-Bit Current and Voltage Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5961 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5961_09 Datasheet HTML 1Page - Maxim Integrated Products MAX5961_09 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ENGLISH 简体中文 日本語 한국어
Login
| Register
Enter keywords or part number
What's New
Products
Solutions
Design
AppNotes
Support
Sales
About Us
Members
MAX5961
0 to 16V, Quad, Hot-Swap Controller with 10-Bit Current and Voltage Monitor
Industry's First Quad, Hot-Swap Controller Operates Down to 0V and Integrates a Voltage
and Current Monitor
An evaluation kit is available: MAX5961EVKIT
Maxim > Products > [Hot-Swap and Power Switching]
QuickView
Technical Documents
Ordering Info
More Information
User Comments (0)
All
Status
Active: In Production.
Description
The MAX5961 0 to 16V, quad, hot-swap controller provides complete protection for systems with
up to four distinct supply voltages. The device allows the safe insertion and removal of circuit
cards into live backplanes. The MAX5961 is an advanced hot-swap controller that monitors
voltage and current with an internal 10-bit ADC. The device provides two levels of overcurrent circuit-breaker protection; a fast-
trip threshold for a fast turn-off, and a lower slow-trip threshold for a delayed turn-off. The maximum overcurrent circuit-
breaker threshold range is set independently for each channel with a trilevel input (ILIM_) or by programming though an I²C
interface.
The internal 10-bit ADC is multiplexed to monitor the output voltage and current of each hot-swap channel. The total time to
cycle through all the eight measurements is 100µs (typ). Each 10-bit value is stored in an internal circular buffer so that 50 past
samples of each signal can be read back through the I²C interface at any time or after a fault condition.
The MAX5961 can be configured as four independent hot-swap controllers, hot-swap controllers operating in pairs, or as a group
of four hot-swap controllers.
The device also includes five digital comparators per hot-swap channel to implement overcurrent warning, two levels of
overvoltage detection, and two levels of undervoltage detection. The limits for overcurrent, overvoltage, and undervoltage are
user-programmable. When any of the measured values violates the programmable limits, an external active-low ALERT signal is
asserted. In addition to the active-low ALERT signal, depending on the selected operating mode, the MAX5961 can deassert a
power-good signal and/or turn-off the external MOSFET.
The MAX5961 is available in a 48-pin thin QFN package and operates over the -40°C to +85°C extended temperature range.
Request Full Data Sheet
Key Features
Applications/Uses
Four Independent Hot-Swap Controllers Protect from 0 to 16V (Provided
IN ≥ 2.7V)
10-Bit ADC Monitors Voltage and Current of Each Channel
Circular Buffer Stores 5ms of Current and Voltage Measurements
Four Independent Internal Charge Pumps Generate n-Channel MOSFET
Gate Drives
Internal 500mA Gate Pulldown Current for Fast Shutdown
VariableSpeed/BiLevel™ Circuit-Breaker Protection
Alert Output Indicates Undervoltage Warning, Undervoltage Critical,
Overvoltage Warning, Overvoltage Critical, and Overcurrent Warning for
Each Channel
Independent Power-Good Outputs
Autoretry or Latched Fault Management
400kHz I²C Interface
7mm x 7mm 48-Pin TQFN Package
ASICs
Disk Drives
PCI Express® Hot Plug
Servers
Storage Systems
Key Specifications: Hot Swap Controllers
Part
Number
V
IN
(V)
V
IN
(V)
Low
Volt.
High
Volt.
Voltage
Polarity
Type
Fault Condition Control
Channels Package/Pins
Price
See
Page 1 of 2
QuickView - MAX5961 0 to 16V, Quad, Hot-Swap Controller with 10-Bit Current and Voltage Monitor
11/9/2009
http://www.maxim-ic.com/quick_view2.cfm/qv_pk/5853


Similar Part No. - MAX5961_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5961EVKIT MAXIM-MAX5961EVKIT Datasheet
697Kb / 19P
   Safely Hot Swaps Four Independent 0V to 16V Power Supplies After Power-Up
Rev 0; 8/08
MAX5961EVKIT++ MAXIM-MAX5961EVKIT+ Datasheet
697Kb / 19P
   Safely Hot Swaps Four Independent 0V to 16V Power Supplies After Power-Up
Rev 0; 8/08
More results

Similar Description - MAX5961_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5978 MAXIM-MAX5978 Datasheet
2Mb / 38P
   0 to 16V, Hot-Swap Controller with 10-Bit Current, Voltage Monitor, and 4 LED Drivers
Rev 0; 7/10
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com