Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6029EUK21-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6029EUK21-T
Description  Ultra-Low-Power Precision Series Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029EUK21-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6029EUK21-T Datasheet HTML 1Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 2Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 3Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 4Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 5Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 6Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 7Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 8Page - Maxim Integrated Products MAX6029EUK21-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX6029 micropower, low-dropout bandgap volt-
age reference combines ultra-low supply current and
low drift in a miniature 5-pin SOT23 surface-mount pack-
age that uses 70% less board space than comparable
devices in an SO package. An initial accuracy of 0.15%
and a 30ppm/°C (max) temperature coefficient make the
MAX6029 suitable for precision applications. This
series-mode voltage reference sources up to 4mA and
sinks up to 1mA of load current. A wide 2.5V to 12.6V
supply range, ultra-low 5.25µA (max) supply current,
and a low 200mV dropout voltage make these devices
ideal for battery-operated systems. Additionally, an
internal compensation capacitor eliminates the need for
an external compensation capacitor and ensures stabili-
ty with load capacitances up to 10µF.
The MAX6029 provides six output voltages of 2.048V,
2.5V, 3V, 3.3V, 4.096V, and 5V. The MAX6029 is avail-
able in a 5-pin SOT23 or an 8-pin SO package and is
specified over the extended temperature range (-40°C
to +85°C).
Applications
Battery-Powered Systems
Hand-Held Instruments
Precision Power Supplies
A/D and D/A Converters
Features
♦ Ultra-Low 5.25µA (max) Supply Current
♦ ±0.15% (max) Initial Accuracy
♦ 30ppm/°C (max) Temperature Coefficient
♦ 4mA Output Source Current
♦ 1mA Output Sink Current
♦ 2.5V to 12.6V Supply Range
♦ Low 200mV Dropout
♦ Stable with Capacitive Loads Up to 10µF
♦ No External Capacitors Required
♦ Miniature 5-Pin SOT23 Package, 8-Pin SO Package
Ultra-Low-Power Precision Series
Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
GND
N.C.
N.C.
15
OUT
IN
MAX6029
SOT23
TOP VIEW
2
34
OUT
N.C.
GND
1
2
8
7
N.C.
N.C.
IN
N.C.
N.C.
SO
3
4
6
5
MAX6029
Pin Configurations
Ordering Information
19-2892; Rev 2; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
PIN-PACKAGE
TOP
MARK
PKG
CODE
MAX6029EUK21-T
5 SOT23-5
AEHD
U5-1
MAX6029EUK25-T
5 SOT23-5
AEHF
U5-1
MAX6029ESA25
8 SO
S8-2
MAX6029EUK30-T
5 SOT23-5
AEHH
U5-1
MAX6029EUK33-T
5 SOT23-5
AEHN
U5-1
MAX6029EUK41-T
5 SOT23-5
AEHJ
U5-1
MAX6029ESA41
8 SO
S8-2
MAX6029EUK50-T
5 SOT23-5
AEHL
U5-1
Selector Guide
PART
PIN-PACKAGE
OUTPUT
VOLTAGE (V)
MAX6029EUK21-T
5 SOT23-5
2.048
MAX6029EUK25-T
5 SOT23-5
2.500
MAX6029ESA25
8 SO
2.500
MAX6029EUK30-T
5 SOT23-5
3.000
MAX6029EUK33-T
5 SOT23-5
3.300
MAX6029EUK41-T
5 SOT23-5
4.096
MAX6029ESA41
8 SO
4.096
MAX6029EUK50-T
5 SOT23-5
5.000
Note: All devices are specified over the -40°C to +85°C oper-
ating temperature range.


Similar Part No. - MAX6029EUK21-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029EUK21-T MAXIM-MAX6029EUK21-T Datasheet
564Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029EUK21-T MAXIM-MAX6029EUK21-T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
More results

Similar Description - MAX6029EUK21-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
logo
Texas Instruments
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V05 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V04 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com