Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6361 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6361
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6361 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6361 Datasheet HTML 1Page - Maxim Integrated Products MAX6361 Datasheet HTML 2Page - Maxim Integrated Products MAX6361 Datasheet HTML 3Page - Maxim Integrated Products MAX6361 Datasheet HTML 4Page - Maxim Integrated Products MAX6361 Datasheet HTML 5Page - Maxim Integrated Products MAX6361 Datasheet HTML 6Page - Maxim Integrated Products MAX6361 Datasheet HTML 7Page - Maxim Integrated Products MAX6361 Datasheet HTML 8Page - Maxim Integrated Products MAX6361 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.4V to +5.5V, VBATT = 3V, TA = -40°C to +85°C, reset not asserted. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltages (with respect to GND)
VCC, BATT, OUT.......................................................-0.3V to +6V
RESET (open drain), RESET (open drain) ................-0.3V to +6V
BATT ON, RESET (push-pull), RESET IN,
WDI.......................................................-0.3V to (VOUT + 0.3V)
MR .............................................................-0.3V to (VCC + 0.3V)
Input Current
VCC Peak ............................................................................1A
VCC Continuous ............................................................250mA
BATT Peak ....................................................................250mA
BATT Continuous ............................................................40mA
GND ................................................................................75mA
Output Current
OUT................................Short-Circuit Protection for up to 10s
RESET, RESET, BATT ON ..............................................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.70mW/°C above +70°C) .........696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...............................................................+260°C
Packages containing lead(Pb).....................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V
0
5.5
No load (Note 2)
VCC,
VBATT
Operating Voltage Range,
VCC or VBATT
Supply Current
(Excluding IOUT)
ICC
No load, VCC > VTH,
WDI = VCC or GND
(MAX6362)
VCC = 2.8V
VCC = 3.6V
VCC = 5.5V
10
30
11
35
15
50
µA
µA
1
3
TA = +25°C
TA = -40°C to +85°C
VBATT = 2.8V,
VCC = 0V
ISUPPLY
ISUPPLY in Battery-Backup
Mode (Excluding IOUT)
BATT Standby Current
IBATT
5.5V > VCC >
(VBATT + 0.2V)
TA = +25°C
TA = -40°C to +85°C
-0.1
0.02
-1.0
0.05
µA
2.75
3.0
4.6
VCC = 4.75V, IOUT ≤ 150mA
VCC = 3.15V, IOUT ≤ 65mA
VCC = 2.38V, IOUT ≤ 25mA
RON
VCC to OUT On-Resistance
VOUT in Battery-Backup Mode
Battery-Switchover Threshold
(VCC - VBATT)
Reset Threshold
VCC Falling Reset Delay
Reset-Active Timeout Period
tRP
VTH
VBATT = 4.5V, IOUT ≤ 20mA
VBATT = 3.0V, IOUT ≤ 10mA
VBATT = 2.25V, IOUT ≤ 5mA
VCC < VTH
MAX636_UT46
VCC falling at 10V/ms
VBATT - 0.2
VBATT - 0.15
VBATT - 0.15
20
-20
4.50
4.63
4.75
4.25
4.38
4.50
3.00
3.08
3.15
2.85
2.93
3.00
2.55
2.63
2.70
2.25
2.32
2.38
35
150
280
ms
µs
V
mV
V
Power-up
Power-down
MAX636_UT23
MAX636_UT26
MAX636_UT29
MAX636_UT31
MAX636_UT44


Similar Part No. - MAX6361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361HUT MAXIM-MAX6361HUT Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361HUT MAXIM-MAX6361HUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361HUT23 MAXIM-MAX6361HUT23 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361HUT26 MAXIM-MAX6361HUT26 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
More results

Similar Description - MAX6361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com