Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6035BAUR25 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6035BAUR25
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035BAUR25 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6035BAUR25 Datasheet HTML 1Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 2Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 3Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 4Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 5Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 6Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 7Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 8Page - Maxim Integrated Products MAX6035BAUR25 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High-Supply-Voltage, Precision
Voltage Reference in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6035_AUR25 and MAX6035ESA25 (2.5V)
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND)
IN ............................................................................-0.3V to +36V
OUT .............................................................-0.3V to (VIN + 0.3V)
OUT Short-Circuit Duration to GND or IN (Note 1).....Continuous
Current into Any Pin..........................................................±20mA
Continuous Power Dissipation
3-Pin SOT23 (derate 4.0mW/°C above +70°C)............320mW
8-Pin SO (derate 5.9mW/°C above +70°C)...............470.6mW
Operating Temperature Range:
MAX6035ESA ..................................................-40°C to +85°C
MAX6035_AUR ..............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6035AAUR,
MAX6035ESA (0.2%)
2.4950
2.5000
2.5050
Output Voltage
VOUT
TA = +25°C
MAX6035BAUR
2.4875
2.5000
2.5125
V
MAX6035AAUR
20
TA = 0°C to +70°C
MAX6035BAUR
50
MAX6035AAUR
25
MAX6035ESA
40
TA = -40°C to +85°C
MAX6035BAUR
65
MAX6035AAUR
30
Output Voltage
Temperature Coefficient
(Notes 3 and 6)
TCVOUT
TA = -40°C to +125°C
MAX6035BAUR
75
ppm/°C
TA = +25°C4
15
Line Regulation (Note 4)
∆VOUT/∆VIN (VOUT + 2V) ≤ VIN ≤ 33V
TA = TMIN to TMAX
20
µV/V
Sourcing:
0
≤ IOUT ≤ 10mA
25
70
TA = +25°C,
MAX6035_AUR
Sinking:
-2mA
≤ IOUT ≤ 0
45
180
Sourcing:
0
≤ IOUT ≤ 10mA
85
TA = TMIN to TMAX,
MAX6035_AUR
Sinking:
-2mA
≤ IOUT ≤ 0
225
Sourcing:
0
≤ IOUT ≤ 10mA
105
175
TA = +25°C,
MAX6035ESA
Sinking:
-2mA
≤ IOUT ≤ 0
205
375
Sourcing:
0
≤ IOUT ≤ 10mA
350
Load Regulation (Note 4)
∆VOUT/
∆IOUT
TA = TMIN to TMAX,
MAX6035ESA
Sinking:
-2mA
≤ IOUT ≤ 0
500
µV/mA
Short to GND
27
OUT Short-Circuit Current
ISC
Short to IN
-4
mA
Note 1: Continuous power dissipation should also be observed.


Similar Part No. - MAX6035BAUR25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035BAUR25 MAXIM-MAX6035BAUR25 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6035BAUR25-T MAXIM-MAX6035BAUR25-T Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
More results

Similar Description - MAX6035BAUR25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com