Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6035 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6035
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6035 Datasheet HTML 1Page - Maxim Integrated Products MAX6035 Datasheet HTML 2Page - Maxim Integrated Products MAX6035 Datasheet HTML 3Page - Maxim Integrated Products MAX6035 Datasheet HTML 4Page - Maxim Integrated Products MAX6035 Datasheet HTML 5Page - Maxim Integrated Products MAX6035 Datasheet HTML 6Page - Maxim Integrated Products MAX6035 Datasheet HTML 7Page - Maxim Integrated Products MAX6035 Datasheet HTML 8Page - Maxim Integrated Products MAX6035 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High-Supply-Voltage, Precision
Voltage Reference in SOT23
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6035_AUR50 (5.0V) (continued)
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sourcing:
0
≤ IOUT ≤ 10mA
50
135
TA = +25°C
Sinking:
-2mA
≤ IOUT ≤ 0mA
90
215
Sourcing:
0
≤ IOUT ≤ 10mA
160
Load Regulation (Note 4)
∆VOUT/
∆IOUT
TA = -40°C to +125°C
Sinking:
-2mA
≤ IOUT ≤ 0mA
300
µV/mA
Shorted to GND
27
OUT Short-Circuit Current
ISC
Shorted to IN
-4
mA
IOUT = 10µA
1.9
Dropout Voltage (Note 7)
VIN - VOUT
IOUT = 10mA
2.25
V
Thermal Hysteresis (Note 5)
∆VOUT/cycle
135
ppm
Long-Term Stability
∆VOUT/time 1000hr at +25°C
160
ppm/
1000hr
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
68
µVP-P
Output Noise Voltage
en
f = 10Hz to 1kHz
48
µVRMS
Ripple Rejection
∆VOUT/∆VIN VIN = 15V ±100mV, f = 120Hz
72
dB
COUT = 50pF
140
Turn-On Settling Time
tR
To VOUT = 0.1% of final
value
COUT = 1µF
300
µs
Capacitive-Load Stability
(Note 6)
COUT
05
µF
INPUT CHARACTERISTICS
Supply Voltage Range
VIN
Inferred by line regulation and dropout voltage
6.9
33
V
Quiescent Current Supply
IIN
80
100
µA
Change in Supply Current
∆IIN/∆VIN
6.9V
≤ VIN ≤ 33V
0.4
0.7
µA/V
Note 2: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 3: Temperature Coefficient is measured by the “box” method, i.e., the maximum
∆VOUT is divided by the maximum ∆T.
Note 4: Line and load regulation are measured with pulses and do not include output voltage fluctuation due to die-temperature
changes.
Note 5: Thermal Hysteresis is defined as the change in the output voltage at TA = +25°C before and after cycling the device from
TMAX to TMIN.
Note 6: Guaranteed by design.
Note 7: Although the source current is guaranteed to be 10mA, exercise caution to ensure that the package’s absolute power dissi-
pation rating is not exceeded.


Similar Part No. - MAX6035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6035AAUR25 MAXIM-MAX6035AAUR25 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6035AAUR25-T MAXIM-MAX6035AAUR25-T Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6035AAUR30 MAXIM-MAX6035AAUR30 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6035AAUR30-T MAXIM-MAX6035AAUR30-T Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
More results

Similar Description - MAX6035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com