Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ7DV10 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ7DV10
Description  Variable Output, (1.5 to 7V) 10A Output Low Power-loss Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ7DV10 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ7DV10 Datasheet HTML 1Page - Sharp Corporation PQ7DV10 Datasheet HTML 2Page - Sharp Corporation PQ7DV10 Datasheet HTML 3Page - Sharp Corporation PQ7DV10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Power-Loss Voltage Regulators
Fig.12 Ripple Rejection vs. Input Ripple
Frequency
s Typical Application
PQ7DV10
Fig.11 Quiescent Current vs. Junction
Temperature
0
-25
0
25
50
75
100
125
5
10
15
VIN =5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO =0A
20
Junction temperature Tj (˚C)
0
0.1
10
1
100
20
40
60
100
80
Input ripple frequency f (kHz)
VIN=5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
Io=0.5A,ei=0.5Vrms,
Ta =25˚C
q
2
q
3
q
4
q
1
q
5
2k
R1
R2
CO
+
VO
CIN
VIN
High or Open
:Output ON
Low
:Output OFF
ON/OFF
Signal


Similar Part No. - PQ7DV10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV10 SHARP-PQ7DV10 Datasheet
56Kb / 5P
   Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
PQ7DV10 SHARP-PQ7DV10_01 Datasheet
56Kb / 5P
   Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
More results

Similar Description - PQ7DV10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV10 SHARP-PQ7DV10_01 Datasheet
56Kb / 5P
   Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4 Datasheet
39Kb / 5P
   Variable Output (1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4_01 Datasheet
60Kb / 6P
   Variable Output(1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ05RD08 SHARP-PQ05RD08 Datasheet
100Kb / 8P
   0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR
logo
Rohm
BA00BC0WFPWT ROHM-BA00BC0WFPWT Datasheet
142Kb / 2P
   Low Voltage Variable Output LDO Regulator
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com