Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4381 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4381
Description  Silicon NPN Triple Diffused Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4381 Datasheet(HTML) 1 Page - Sanken electric

  2SC4381_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
102
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1667/1668)
Application : TV Vertical Output, Audio Output Driver and General Purpose
2SC4381/4382
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
2
1.6
1.2
0.4
0.8
68
24
1 0
Collector-Emitter Voltage V CE(V)
I B=5mA/Step
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
1
2
100
2
10
1000
Base Current I B(mA)
I C=0.5A
1A
2A
2
1
0.1
0.01
30
50
100
400
Collector Current I C(A)
(V CE=10V)
Typ
2
1
0.1
0.01
30
50
100
400
Collector Current I C(A)
(V CE=10V)
0.5
1
6
1
1 0
100
1000
Time t(ms)
10
100
300
1
0.01
0.1
5
1
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
1.2SC4381
2.2SC4382
DC
12
25˚C
–30˚C
125˚C
–0.01
–0.1
–0.5
–1
–2
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
Typ
30
20
10
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
2
1
0
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=10V)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
20
IC
(A)
1
VBB2
(V)
–5
IB2
(mA)
–100
ton
(
µs)
1.0typ
tstg
(
µs)
3.0typ
tf
(
µs)
1.5typ
IB1
(mA)
100
VBB1
(V)
10
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC4381 2SC4382
150
200
150
200
6
2
1
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC4381 2SC4382
10max
150
200
10max
150min
200min
60min
1.0max
15typ
35typ
Unit
µA
V
µA
V
V
MHz
pF
Conditions
VCB=
VEB=6V
IC=25mA
VCE=10V, IC=0.7A
IC=0.7A, IB=0.07A
VCE=12V, IE=–0.2A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Ratings
Ratings


Similar Part No. - 2SC4381_01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4381 SANKEN-2SC4381 Datasheet
23Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(TV Vertical Output, Audio Output Driver and General Purpose)
logo
Savantic, Inc.
2SC4381 SAVANTIC-2SC4381 Datasheet
246Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4381 ISC-2SC4381 Datasheet
236Kb / 2P
   isc Silicon NPN Power Transistor
logo
Sanken electric
2SC4381 SANKEN-2SC4381 Datasheet
31Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC4381 SAVANTIC-2SC4381 Datasheet
248Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4381_01

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com