Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13021
Description  ±60V Fault-Protected LIN Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13021 Datasheet HTML 1Page - Maxim Integrated Products MAX13021 Datasheet HTML 2Page - Maxim Integrated Products MAX13021 Datasheet HTML 3Page - Maxim Integrated Products MAX13021 Datasheet HTML 4Page - Maxim Integrated Products MAX13021 Datasheet HTML 5Page - Maxim Integrated Products MAX13021 Datasheet HTML 6Page - Maxim Integrated Products MAX13021 Datasheet HTML 7Page - Maxim Integrated Products MAX13021 Datasheet HTML 8Page - Maxim Integrated Products MAX13021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX13020/MAX13021 ±60V fault-protected low-
power local interconnect network (LIN) transceivers are
ideal for use in automotive network applications where
high reliability is required. The devices provide the
interface between the LIN master/slave protocol con-
troller, and the physical bus described in the LIN 2.0
specification package and SAE J2602 specification.
The devices are intended for in-vehicle subnetworks
with a single master and multiple slaves.
The extended fault-protected voltage range of ±60V on
the LIN bus line allows for use in +12V, +24V, and
+42V automotive applications. The devices allow com-
munication up to 20kbaud, and include slew-rate limit-
ed transmitters for enhanced electromagnetic
emissions (EME) performance. The devices feature a
low-power 4µA sleep mode and provide wake-up
source detection.
The MAX13020 is a pin-to-pin replacement and is func-
tionally compatible with the Philips TJA1020. The
MAX13021 includes enhanced bus dominant clamping
fault management for reduced quiescent current during
LIN bus shorts to GND. The MAX13020/MAX13021 are
available in the 8-pin SO package, and operate over
the -40°C to +125°C automotive temperature range.
Applications
+12V/+42V Automotive
+24V Heavy Truck and Bus
Features
o MAX13020 is a Pin-to-Pin Upgrade for TJA1020
o ESD Protection
±12kV Human Body Model (LIN)
±4kV Contact Discharge (LIN, NWAKE, BAT)
o LIN 2.0/SAE J2602 Compatible
o Slew-Rate Limited Transmitter for Low
Electromagnetic Emissions (EME)
o Robust Electromagnetic Immunity (EMI)
o Passive Behavior in Unpowered State
o TXD Dominant Timeout Function
o LIN Bus Dominant Management (MAX13021 Only)
o Input Levels Compatible with +3.3V and +5V
Controllers
o Integrated 30kΩ Termination Resistor for Slave
Applications
o Low 4µA Sleep Mode with Local and Remote
Wake-Up Detection
o Wake-Up Source Recognition
o Thermal Shutdown
±60V Fault-Protected LIN Transceivers
________________________________________________________________ Maxim Integrated Products
1
19-0559; Rev 1; 6/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
LIN BUS
DOMINANT
MANAGEMENT
PIN-
PACKAGE
PACKAGE
CODE
MAX13020ASA+
8 SO
S8-5
MAX13021ASA+
Yes
8 SO
S8-5
BAT
TXD
RXD
NSLP
LIN
GND
INH
NWAKE
MICROCONTROLLER
LIN
BUS
1k
VBAT
MASTER NODE
ONLY
+5V LDO
*
EN
MAX5023
MAX13020
MAX13021
*OPTIONAL TXD PULLUP RESISTOR FOR READING WAKE-UP SOURCE FLAG
Typical Operating Circuit
Note: All devices are specified over the -40°C to +125°C auto-
motive temperature range.
+Denotes lead-free package.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX13021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13021 MAXIM-MAX13021_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results

Similar Description - MAX13021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com