Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13021ASA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13021ASA+
Description  ±60V Fault-Protected LIN Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13021ASA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13021ASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13021ASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
±60V Fault-Protected LIN Transceivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VBAT = +5V to +38V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VBAT = +12V and TA = +25°C. Positive
currents flow into the device.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Leakage Current
ILH
VLIN = VBAT, VTXD = +5V
-5
0
+5
µA
Device Leakage Current, VBAT
Disconnected
IL(BAT)
VBAT = GND, VLIN = +18V
-5
0
+5
µA
Device Leakage Current, GND
Disconnected
IL(GND)
VBAT = GND, VLIN = -18V
-100
0µA
LIN Current After Short Detection
IIL(FAULT)
Fault mode, disable mode (MAX13021)
VLIN = GND
-10
-2
µA
Short-Circuit Recovery Threshold
Voltage
Vth(RECOVERY) Fault mode, disable mode (MAX13021)
VBAT -
2.5
VBAT -
0.9
V
LIN Pullup Current
IIL
Sleep mode, VLIN = GND, VNSLP = GND
-10
-2
µA
Slave Termination Resistance to
VBAT
RSLAVE
Standby, normal/low slope modes, VLIN =
GND, VBAT = +12V
20
30
47
k
VLIN = VBAT = +12V,
VTXD = GND, t < tDOM
27
40
60
VLIN = +12V, VBAT = +27V,
VTXD = GND, t < tDOM (Note 1)
45
70
100
Short-Circuit Output Current
IO(SC)
VBAT = +12V, VLIN = +60V, VTXD = GND,
t < tDOM
45
mA
Receiver Dominant State
Vth(DOM)
VBAT = +7V to +38V
0.4 x VBAT
V
Receiver Recessive State
Vth(REC)
VBAT = +7V to +38V
0.6 x VBAT
V
Receiver-Threshold Center
Voltage
Vth(CENTER)
VBAT = +7V to +38V
0.475 x
VBAT
0.5 x
VBAT
0.525 x
VBAT
V
Receiver-Threshold Hysteresis
Voltage
Vth(HYS)
VBAT = +7V to +38V
0.145 x
VBAT
0.16 x
VBAT
0.175 x
VBAT
V
Thermal-Shutdown Threshold
TSHDN
+165
°C
Thermal-Shutdown Hysteresis
10
°C
ESD PROTECTION
Human Body Model
LIN
±12
kV
Contact Discharge
IEC61000-4-2
LIN, NWAKE, BAT
(tested to IBEE test setup)
C1 = 100nF on VBAT,
C2 = 220pF on LIN,
R = 33k
Ω on NWAKE
±4
kV


Similar Part No. - MAX13021ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13021 MAXIM-MAX13021_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results

Similar Description - MAX13021ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com