Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101S05V Datasheet(PDF) 3 Page - Sharp Corporation

Part # S101S05V
Description  SIP Type SSR with Mounting Capability for External Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S05V Datasheet(HTML) 3 Page - Sharp Corporation

  S101S05V Datasheet HTML 1Page - Sharp Corporation S101S05V Datasheet HTML 2Page - Sharp Corporation S101S05V Datasheet HTML 3Page - Sharp Corporation S101S05V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S101S05V/S101S06V/S201S05V/S201S06V
Ambient temperature T a (˚C)
- 25
0
25
75
100
125
0
10
20
30
40
50
60
70
Forward voltage V F (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
10
0.5
5
50
50˚C
25˚C
0˚C
- 25˚C
10
0
10
20
30
40
50
60
1
100
RMS ON-state current I T
0123456
1
2
3
4
5
6
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
4
6
8
10
12
Fig. 3 Forward Current vs.
Ambient Temperature
Fig. 4 Forward Current vs. Forward Voltage
Fig. 6 Maximum ON-state Power Dissipation
vs. RMS ON-state Current
( Typical Value )
Ambient Temperature
(Typical Value )
Fig. 5 Surge Current vs. Power-on Cycle
Power-on cycle (Times )
50
( Arms )
Fig.7-a Minimum Trigger Current vs.
2
0
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
2
4
6
8
10
12
Ambient Temperature
(Typical Value)
Fig.7-b Minimum Trigger Current vs.
Ta = 75˚C
Ta = 25˚C
Tj= 25˚Cstart
f= 60Hz
VD= 12V
RL=30Ω
0
VD=6V
RL=30Ω
(S101S05V/S201S05V)(S101S06V/S201S06V)


Similar Part No. - S101S05V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
S101S06V SHARP-S101S06V Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S101S06V SHARP-S101S06V Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
More results

Similar Description - S101S05V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S102S11 SHARP-S102S11 Datasheet
58Kb / 4P
   SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com