Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S201DH1 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S201DH1
Description  16-Pin DIP Type SSR for Low Power Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S201DH1 Datasheet(HTML) 1 Page - Sharp Corporation

  S201DH1 Datasheet HTML 1Page - Sharp Corporation S201DH1 Datasheet HTML 2Page - Sharp Corporation S201DH1 Datasheet HTML 3Page - Sharp Corporation S201DH1 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S101DH1/S101DH2/S201DH1/S201DH2
S101DH1/S101DH2
S201DH1/S201DH2
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
s Model Line-ups
1. Compact
( 16-pin dual-in-line package type)
2. High output current
3. Built-in zero-cross circuit
1. Air conditioners
2. Microwave ovens
Parameter
Input
Reverse current
Output
current
Peak one cycle surge
Repetitive peak OFF-
state voltage
Operating temperature
Storage temperature
Soldering temperature
3. Home appliances
Symbol
Rating
Unit
S101DH1/
S101DH2
S201DH1/
S201DH2
IF
50
mA
V R
6V
IT
1.5
A rms
I surge
15 ( 50HZ , sine wave )
A
V DRM
400
600
V
V iso
4,000
V rms
- 25 to + 85
˚C
- 40 to + 125
˚C
T sol
260 ( For 10 seconds )
˚C
For 100V lines
For 200V lines
No built-in
zero-cross circuit
S101DH1
S201DH1
Built-in zero-cross
circuit
S101DH2
S201DH2
θ
Internal connection diagram
2
3
4567
9
Anode
mark
9
234567
Epoxy resin
Zero-cross circuit
2
3
4567
9
2 Anode
3 Cathode
Gate
NC
(Note ) To radiate the heat, solder the lead pins
on the pattern of the PWB without using a socket such
that there is no open pin left.
S101DH1/S201DH1
S101DH2/S201DH2
Model No.
T
: 1.5A rms )
(S101DH2 / S201DH2 )
Forward current
RMS ON-state current
T opr
T stg
*1 AC for 1 minute, 40 to 60% RH, f = 60HZ
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
16-Pin DIP Type SSR for Low
Power Control
9
*1Isolation voltage
4. Recognised by UL, file No. E94758
5. Approved by CSA, No. LR63705
( RMS ON-state current I
T 1
T 2
7.62
± 0.3
0.26
± 0.1
1.2
± 0.3
0.5
± 0.1
19.82
± 0.5
2.54
± 0.25
θ : 0 to 13˚
16 15
13
11
16
15
13
11
16 15
13
11
16
15
13
11
,
to
4
7 , 9


Similar Part No. - S201DH1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201D01 SHARP-S201D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S201D02 SHARP-S201D02 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
logo
Johanson Technology Inc...
S201DL JOHANSON-S201DL Datasheet
178Kb / 3P
   RF Ceramic Component Proto-Typing Kits
More results

Similar Description - S201DH1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
DPA4111 CRYDOM-DPA4111 Datasheet
558Kb / 4P
   16 Pin DIP SSR
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
   Compact DIP type SSR Ideal for AC load control
logo
Unisonic Technologies
UPT0133 UTC-UPT0133 Datasheet
219Kb / 5P
   RANDOM PHASE POWER TRIAC DIP TYPE SSR IDEAL FOR AC LOAD CONTROL
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com