Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC848
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC848 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC848 Datasheet HTML 1Page - Diotec Semiconductor BC848 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC846 ... BC850
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
VCE = 5 V, IC = 2 mA
VCE = 5 V, IC = 10 mA
VBE
VBE
580 mV
660 mV
700 mV
720 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 30 V, (E open)
VCE = 30 V, Tj = 125°C, (E open)
ICBO
ICBO
15 nA
5 µA
Emitter-Base cutoff current
VEB = 5 V, (C open)
IEBO
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
300 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
3.5 pF
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
9 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC856 ... BC860
Marking of available current gain groups
Stempelung der lieferbaren
Stromverstärkungsgruppen
BC846A = 1A
BC846B = 1B
BC847A = 1E
BC847B = 1F
BC847C = 1G
BC850B = 1F
BC850C = 1G
BC848A = 1E
BC848B = 1F
BC848C = 1G
BC849B = 1F
BC849C = 1G
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Weitron Technology
BC848 WEITRON-BC848 Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC846W DIOTEC-BC846W_11 Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com