Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15005AAUE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15005AAUE+
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15005AAUE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15005AAUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 11Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 12Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
IN
Input Power Supply. Bypass IN with a minimum 0.1μF ceramic capacitor to PGND.
2
ON/OFF
ON/OFF Input. Connect ON/OFF to IN for always-on operation. To externally program the UVLO threshold of the
IN supply, connect a resistive divider between IN, ON/OFF, and SGND. Pull ON/OFF to SGND to disable the
controller.
3
OVI
Overvoltage Comparator Input. Connect a resistive divider between the output of the power supply, OVI, and
SGND to set the output overvoltage threshold.
4
SLOPE
Programmable Slope Compensation Capacitor Input. Connect a capacitor (CSLOPE) to SGND to set the amount
of slope compensation.
Slope compensation = (2.5 x 10
-9) / CSLOPE mV/μs with CSLOPE in farads.
5
N.C.
No Connection. Not internally connected.
6
RTCT
Oscillator-Timing Network Input. Connect a resistor from RTCT to REG5 and a capacitor from RTCT to SGND to
set the oscillator frequency (see the Oscillator Frequency/External Synchronization section).
7
SGND
Signal Ground. Connect SGND to SGND plane.
8
SYNC
External-Clock Synchronization Input. Connect SYNC to SGND when not using an external clock.
9
SS
Soft-Start Capacitor Input. Connect a capacitor from SS to SGND to set the soft-start time interval.
10
FB
Internal Error-Amplifier Inverting Input. The noninverting input is internally connected to SS.
11
COMP
Error-Amplifier Output. Connect the frequency compensation network between FB and COMP.
12
CS
Current-Sense Input. The current-sense signal is compared to a signal proportional to the error-amplifier output
voltage.
13
REG5
5V Low-Dropout Regulator Output. Bypass REG5 with a 1μF ceramic capacitor to SGND.
14
PGND
Power Ground. Connect PGND to the power ground plane.
15
OUT
Gate Driver Output. Connect OUT to the gate of the external n-channel MOSFET.
16
VCC
7.4V Low-Dropout Regulator Output—Driver Power Source. Bypass VCC with 0.1μF and 1μF or higher ceramic
capacitors to PGND.
—EP
Exposed Pad (MAX15004A/MAX15005A only). Connect EP to the SGND plane to improve thermal performance.
Do not use the EP as an electrical connection.


Similar Part No. - MAX15005AAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15005AAUEV MAXIM-MAX15005AAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15005AAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com