Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S102S11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S102S11
Description  SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S102S11 Datasheet(HTML) 1 Page - Sharp Corporation

  S102S11 Datasheet HTML 1Page - Sharp Corporation S102S11 Datasheet HTML 2Page - Sharp Corporation S102S11 Datasheet HTML 3Page - Sharp Corporation S102S11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S102S11/S102S12
S202S11/S202S12
s Outline Dimensions
(Unit : mm)
s Applications
s Features
1. Automatic vending machines
2. Amusement equipment
3. Programmable controllers
For 100V lines
For 200V lines
Built-in snubber
circuit
S102S11
S202S11
Built-in snubber
circuit and
circuit
S202S12
(5.08)(7.62)(2.54)
(1.4)
+
Internal connection diagram
( ) : Typical dimensions
*
A
B
12
3
4
12
3 4
12
3 4
3 Input ( + )
3 Input ( + )
A (Model No.)
B
S102S11
8A135VAC
S102S12
S202S11
8A250VAC
S202S12
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
S102S11/S102S12/S202S11/S202S12
2. Built-in snubber circuit
3. Built-in zero-cross circuit
4. High repetitive peak OFF-state voltage
5. RMS ON-state current
IT : MAX. 8Arms at TC <= 88˚C
( With heat sink)
6. Isolation voltage between input and output
( Viso
zero-cross
S102S12
Zero-cross
circuit
1 Output (Triac T2 )
2 Output (Triac T1 )
1 Output (Triac T2 )
2 Output (Triac T1 )
SIP Type SSR with Snubber
Circuit and Mouning Capability
for External Heat Sink
-
4 Input ( - )
(S102S12/S202S12)
S102S11/S102S12 VDRM : 400V
* The metal parts marked * are
g Do not allow external connection.
s Model line-ups
Approved by CSA, No. LR63705
S202S11/S202S12
VDRM : 600V
1. High radiation resin mold package
4 Input ( - )
common to terminal 1 .
7. Recognized by UL, file No. E94758
: 4 000Vrms )
18.5 ± 0.2
16.4 ± 0.3
φ 3.2 ± 0.2
5.5
± 0.2
4 - 1.1 ± 0.2
4 - 1.25 ± 0.3
0.6
± 0.1
4 - 0.8 ± 0.2
S102S11 /S202S11
S102S12 /S202S12


Similar Part No. - S102S11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S11 SHARP-S102S11 Datasheet
249Kb / 13P
   Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
More results

Similar Description - S102S11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
S202S11F SHARP-S202S11F Datasheet
249Kb / 13P
   Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com