Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15500 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15500
Description  Industrial Analog Current/ Voltage-Output Conditioners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15500 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15500 Datasheet HTML 1Page - Maxim Integrated Products MAX15500 Datasheet HTML 2Page - Maxim Integrated Products MAX15500 Datasheet HTML 3Page - Maxim Integrated Products MAX15500 Datasheet HTML 4Page - Maxim Integrated Products MAX15500 Datasheet HTML 5Page - Maxim Integrated Products MAX15500 Datasheet HTML 6Page - Maxim Integrated Products MAX15500 Datasheet HTML 7Page - Maxim Integrated Products MAX15500 Datasheet HTML 8Page - Maxim Integrated Products MAX15500 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Industrial Analog Current/
Voltage-Output Conditioners
General Description
The MAX15500/MAX15501 analog output conditioners
provide a programmable current up to Q24mA, or a volt-
age up to Q12V proportional to a control voltage signal.
The control voltage is typically supplied by an external
DAC with an output voltage range of 0 to 4.096V for the
MAX15500 and 0 to 2.5V for the MAX15501. The output
current and voltage are selectable as either unipolar or
bipolar. In the unipolar configuration, a control voltage
of 5% full-scale (FS) produces a nominal output of 0A or
0V to achieve underrange capability. A control voltage
of 100%FS produces one of two programmable levels
(105%FS or 120%FS) to achieve overrange capability.
The outputs of the MAX15500/MAX15501 are protected
against overcurrent conditions and a short to ground or
supply voltages up to Q35V. The devices also monitor for
overtemperature and supply brownout conditions. The
supply brownout threshold is programmable.
The MAX15500/MAX15501 are programmed through an
SPIK interface capable of daisy-chained operation. The
MAX15500/MAX15501 provide extensive error reporting
through the SPI interface and an additional open-drain
interrupt output. The devices include an analog output to
monitor load conditions.
The MAX15500/MAX15501 operate over the -40NC to
+105NC temperature range. The devices are available in
a 32-pin, 5mm x 5mm TQFN package.
Applications
Programmable Logic Controllers (PLCs)
Distributed I/Os
Embedded Systems
Industrial Control and Automation
Features
S
Supply Voltage Up to Q32.5V
S
Output Protected Up to Q35V
S
Programmable Output (Plus Overrange)
±10V
0 to 10V
0 to 5V
±20mA
0 to 20mA
4 to 20mA
S
Current Output Drives 0 to 1kI
S
Voltage Output Drives Loads Down to 1kI
S
HART Compliant
S
2ppm Gain Error Drift Over Temperature
S
SPI Interface, with Daisy-Chain Capability
S
Supports +4.096V (MAX15500) or +2.5V
(MAX15501) Full-Scale Input Signals
S
Extensive Error Reporting
Short-Circuit and Overcurrent Protection
Open-Circuit Detection
Brownout Detection
Overtemperature Protection
S
Fast, 40µs Settling Time
19-4602; Rev 1; 2/11
Ordering Information
Note: All devices are specified over the -40NC to +105NC oper-
ating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
SPI is a trademark of Motorola, Inc.
EVALUATION
KIT
AVAILABLE
SPI
INTERFACE
DIN
SCLK
CS1
DOUT
READY
ERROR
MON
REFIN
AIN
DVDD
AVSS
AVDD
FSMODE
FSSEL
AGND
DGND
OUT
SENSERN
COMP
CS2
OUTDIS
AVSSO
AVDDO
ERROR
HANDLING
BIDIRECTIONAL
CURRENT
DRIVER
BIDIRECTIONAL
VOLTAGE
DRIVER
ERROR
HANDLING
OVER-
CURRENT
PROTECTION
SENSERP
SENSEVP
SENSEVN
MAX15500
MAX15501
Pin Configuration
MAX15500
MAX15501
TQFN
TOP VIEW
29
30
28
27
12
11
13
14
1
2
AVSS
4
5
6
7
23
24
22
20
19 18
MON
CS1
AIN
REFIN
AGND
FSMODE
3
21
31
10
CS2
FSSEL
32
9
N.C.
OUTDIS
EP*
+
*EXPOSED PAD.
AGND
26
15 AGND
AVDD
25
16 N.C.
8
17
SENSEVP
Simplified Block Diagram
PART
PIN-PACKAGE
REFERENCE
MAX15500GTJ+
32 TQFN-EP*
+4.096V
MAX15501GTJ+
32 TQFN-EP*
+2.5V


Similar Part No. - MAX15500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500 Datasheet
710Kb / 15P
   USB-PC Connection (Cable Included)
Rev 0; 8/09
MAX15500GTJ++ MAXIM-MAX15500GTJ+ Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
More results

Similar Description - MAX15500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com